Electronic Components Datasheet Search
  English  ▼

X  

AD7761BSTZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 26Page - Analog Devices AD7761BSTZ Datasheet HTML 27Page - Analog Devices AD7761BSTZ Datasheet HTML 28Page - Analog Devices AD7761BSTZ Datasheet HTML 29Page - Analog Devices AD7761BSTZ Datasheet HTML 30Page - Analog Devices AD7761BSTZ Datasheet HTML 31Page - Analog Devices AD7761BSTZ Datasheet HTML 32Page - Analog Devices AD7761BSTZ Datasheet HTML 33Page - Analog Devices AD7761BSTZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
Data Sheet
AD7761
Rev. A | Page 29 of 75
Table 10. Wideband Filter Noise: Performance vs. Output Data Rate
Output Data Rate (kSPS)
−3 dB Bandwidth (kHz)
RMS Noise (µV)
Fast Mode
256
110.8
11.58
128
55.4
7.77
64
27.7
5.42
32
13.9
3.82
16
6.9
2.72
8
3.5
1.94
Median Mode
128
55.4
11.36
64
27.7
7.6
32
13.9
5.3
16
6.9
3.74
8
3.5
2.64
4
1.7
1.87
Low Power Mode
32
13.9
11.28
16
6.9
7.54
8
3.5
5.25
4
1.7
3.71
2
0.87
2.62
1
0.43
1.85
Table 11. Sinc5 Filter Noise: Performance vs. Output Data Rate
Output Data Rate (kSPS)
−3 dB Bandwidth (kHz)
RMS Noise (µV)
Fast Mode
256
52.224
7.83
128
26.112
5.43
64
13.056
3.82
32
6.528
2.71
16
3.264
1.93
8
1.632
1.39
Median Mode
128
26.112
7.68
64
13.056
5.3
32
6.528
3.72
16
3.264
2.64
8
1.632
1.87
4
0.816
1.33
Low Power Mode
32
6.528
7.65
16
3.264
5.26
8
1.632
3.7
4
0.816
2.61
2
0.408
1.85
1
0.204
1.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com