Electronic Components Datasheet Search
  English  ▼

X  

AD7761BSTZ Datasheet(PDF) 71 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 71 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 67Page - Analog Devices AD7761BSTZ Datasheet HTML 68Page - Analog Devices AD7761BSTZ Datasheet HTML 69Page - Analog Devices AD7761BSTZ Datasheet HTML 70Page - Analog Devices AD7761BSTZ Datasheet HTML 71Page - Analog Devices AD7761BSTZ Datasheet HTML 72Page - Analog Devices AD7761BSTZ Datasheet HTML 73Page - Analog Devices AD7761BSTZ Datasheet HTML 74Page - Analog Devices AD7761BSTZ Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 70 of 75
ANALOG INPUT PRECHARGE BUFFER ENABLE REGISTER CHANNEL 4 TO CHANNEL 7
Address: 0x12, Reset: 0xFF, Name: Precharge Buffer 2
This register turns on or off the precharge buffers on the analog inputs. When writing to these registers, the user must write the inverse of
the required bit settings. For example, to clear Bit 1 of this register, the user must write 0x01 to the register. This clears Bit 1 and sets all
other bits. If the user reads the register again after writing 0x01, the data read is 0xFE, as required.
Table 49. Bit Descriptions for Precharge Buffer 2
Bits
Bit Name
Settings
Description
Reset
7
CH7_PREBUF_NEG_EN
0
Off
0x1
1
On
6
CH7_PREBUF_POS_EN
0
Off
0x1
1
On
5
CH6_PREBUF_NEG_EN
0
Off
0x1
1
On
4
CH6_PREBUF_POS_EN
0
Off
0x1
1
On
3
CH5_PREBUF_NEG_EN
0
Off
0x1
1
On
2
CH5_PREBUF_POS_EN
0
Off
0x1
1
On
1
CH4_PREBUF_NEG_EN
0
Off
0x1
1
On
0
CH4_PREBUF_POS_EN
0
Off
0x1
1
On
POSITIVE REFERENCE PRECHARGE BUFFER ENABLE REGISTER
Address: 0x13, Reset: 0x00, Name: Positive Reference Precharge Buffer
This register turns on or off the precharge buffers on the reference positive input to each of the ADCs from Channel 0 to Channel 7.
Table 50. Bit Descriptions for Positive Reference Precharge Buffer
Bits
Bit Name
Settings
Description
Reset
7
CH7_REFP_BUF
0
Off
0x0
1
On
6
CH6_REFP_BUF
0
Off
0x0
1
On
5
CH5_REFP_BUF
0
Off
0x0
1
On
4
CH4_REFP_BUF
0
Off
0x0
1
On
3
CH3_REFP_BUF
0
Off
0x0
1
On
2
CH2_REFP_BUF
0
Off
0x0
1
On
1
CH1_REFP_BUF
0
Off
0x0
1
On
0
CH0_REFP_BUF
0
Off
0x0
1
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com