Electronic Components Datasheet Search
  English  ▼

X  

AD7761BSTZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 4Page - Analog Devices AD7761BSTZ Datasheet HTML 5Page - Analog Devices AD7761BSTZ Datasheet HTML 6Page - Analog Devices AD7761BSTZ Datasheet HTML 7Page - Analog Devices AD7761BSTZ Datasheet HTML 8Page - Analog Devices AD7761BSTZ Datasheet HTML 9Page - Analog Devices AD7761BSTZ Datasheet HTML 10Page - Analog Devices AD7761BSTZ Datasheet HTML 11Page - Analog Devices AD7761BSTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
Data Sheet
AD7761
Rev. A | Page 7 of 75
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LVDS Clock2
RL = 100 Ω
Differential Input Voltage
100
650
mV
Common-Mode Input Voltage
800
1575
mV
Absolute Input Voltage
1.88
V
ADC RESET2
ADC Start-Up Time After Reset6
Time to first DRDY, fast mode,
decimation by 32
1.58
1.66
ms
Minimum RESET Low Pulse Width
tMCLK = 1/MCLK
2 × tMCLK
LOGIC INPUTS
Input Voltage2
High, VINH
0.65 ×
IOVDD
V
Low, VINL
2.25 V < IOVDD < 3.6 V
0.7
V
1.72 V < IOVDD < 1.88 V
0.4
V
Hysteresis2
2.25 V < IOVDD < 3.6 V
0.04
0.09
V
1.72 V < IOVDD < 1.88 V
0.04
0.2
V
Leakage Current
−10
+0.03
+10
µA
RESET pin7
−10
+10
µA
LOGIC OUTPUTS
Output Voltage2
High, VOH
ISOURCE = 200 μA
0.8 ×
IOVDD
V
Low, VOL
ISINK = 400 µA
0.4
V
Leakage Current
Floating state
−10
+10
µA
Output Capacitance
Floating state
10
pF
SYSTEM CALIBRATION2
Full-Scale Calibration Limit
1.05 × VREF
V
Zero-Scale Calibration Limit
−1.05 ×
VREF
V
Input Span
0.4 × VREF
2.1 × VREF
V
POWER REQUIREMENTS
Power Supply Voltage
AVDD1 − AVSS
4.5
5.0
5.5
V
AVDD2 − AVSS
2.0
2.25 to 5.0
5.5
V
AVSS − DGND
−2.75
0
V
IOVDD − DGND
1.72
2.5 to 3.3
or 1.8
3.6
V
POWER SUPPLY CURRENTS
Maximum output data rate, CMOS
MCLK, eight DOUTx signals, all
supplies at maximum voltages, all
channels in Channel Mode A
Eight Channels Active
Fast Mode
AVDD1 Current
Precharge reference buffers off
36
40
mA
Precharge reference buffers on
57.5
64
mA
AVDD2 Current
37.5
40
mA
IOVDD Current
Wideband filter
63
69
mA
Sinc5 filter2
27
29
mA
Median Mode
AVDD1 Current
Precharge reference buffers off
18.5
mA
Precharge reference buffers on
29
mA
AVDD2 Current
21.3
mA
IOVDD Current
Wideband filter
34
mA
Sinc5 filter
16
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com