Electronic Components Datasheet Search
  English  ▼

X  

AD7761BSTZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 59Page - Analog Devices AD7761BSTZ Datasheet HTML 60Page - Analog Devices AD7761BSTZ Datasheet HTML 61Page - Analog Devices AD7761BSTZ Datasheet HTML 62Page - Analog Devices AD7761BSTZ Datasheet HTML 63Page - Analog Devices AD7761BSTZ Datasheet HTML 64Page - Analog Devices AD7761BSTZ Datasheet HTML 65Page - Analog Devices AD7761BSTZ Datasheet HTML 66Page - Analog Devices AD7761BSTZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 62 of 75
CHANNEL STANDBY REGISTER
Address: 0x00, Reset: 0x00, Name: Channel Standby
Each of the ADC channels can be put into standby mode independently by setting the appropriate bit in the channel standby register.
When a channel is in standby mode, its position in the data output stream is held. The 8-bit header is all zeros, as is the conversion result
output of 16 zeros.
The VCM voltage output is associated with the Channel 0 circuitry. If Channel 0 is put into standby mode, the VCM voltage output is also
disabled for maximum power savings. Channel 0 must be enabled while VCM is being used externally to the AD7761.
The crystal excitation circuitry is associated with the Channel 4 circuitry. If Channel 4 is put into standby mode, the crystal circuitry is
also disabled for maximum power savings. Channel 4 must be enabled while the external crystal is used on the AD7761.
Table 34. Bit Descriptions for Channel Standby
Bits
Bit Name
Settings
Description
Reset
Access
7
CH_7
Channel 7
0x0
RW
0
Enabled
1
Standby
6
CH_6
Channel 6
0x0
RW
0
Enabled
1
Standby
5
CH_5
Channel 5
0x0
RW
0
Enabled
1
Standby
4
CH_4
Channel 4
0x0
RW
0
Enabled
1
Standby
3
CH_3
Channel 3
0x0
RW
0
Enabled
1
Standby
2
CH_2
Channel 2
0x0
RW
0
Enabled
1
Standby
1
CH_1
Channel 1
0x0
RW
0
Enabled
1
Standby
0
CH_0
Channel 0
0x0
RW
0
Enabled
1
Standby



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com