Electronic Components Datasheet Search
  English  ▼

X  

AD7761BSTZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 24Page - Analog Devices AD7761BSTZ Datasheet HTML 25Page - Analog Devices AD7761BSTZ Datasheet HTML 26Page - Analog Devices AD7761BSTZ Datasheet HTML 27Page - Analog Devices AD7761BSTZ Datasheet HTML 28Page - Analog Devices AD7761BSTZ Datasheet HTML 29Page - Analog Devices AD7761BSTZ Datasheet HTML 30Page - Analog Devices AD7761BSTZ Datasheet HTML 31Page - Analog Devices AD7761BSTZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
Data Sheet
AD7761
Rev. A | Page 27 of 75
THEORY OF OPERATION
The AD7761 is an 8-channel, simultaneously sampled, low
noise, Σ-∆ ADC.
Each ADC within the AD7761 employs a Σ-Δ modulator whose
clock runs at a frequency of fMOD. The modulator samples the
inputs at a rate of 2 × fMOD, to convert the analog input into an
equivalent 16-bit digital representation, and these samples there-
fore represent a quantized version of the analog input signal.
The Σ-Δ conversion technique is an oversampled architecture.
This oversampled approach spreads the quantization noise over
a wide frequency band (see Figure 44). To reduce the quantization
noise in the signal band, the high order modulator shapes the noise
spectrum so that most of the noise energy is shifted out of the
band of interest (see Figure 45). The digital filter that follows the
modulator removes the large out of band quantization noise
(see Figure 46).
For further information on the basics as well as more advanced
concepts of Σ-Δ ADCs, see the MT-022 Tutorial and the
MT-023 Tutorial.
Digital filtering has certain advantages over analog filtering. First, it
is insensitive to component tolerances and the variation of
component parameters over time and temperature. And because
digital filtering on the AD7761 occurs after the analog-to-digital
conversion, it can remove some of the noise injected during the
conversion process; analog filtering cannot remove noise
injected during conversion. Second, the digital filter combines
low pass-band ripple with a steep roll-off and high stop-band
attenuation, while also maintaining a linear phase response,
which is difficult to achieve in an analog filter implementation.
QUANTIZATION NOISE
fMOD/2
BAND OF INTEREST
Figure 44. Σ-Δ ADC Quantization Noise (Linear Scale X-Axis)
NOISE SHAPING
BAND OF INTEREST
fMOD/2
Figure 45. Σ-Δ ADC Noise Shaping (Linear Scale X-Axis)
DIGITAL FILTER CUTOFF FREQUENCY
BAND OF INTEREST
fMOD/2
Figure 46. Σ-Δ ADC Digital Filter Cutoff Frequency (Linear Scale X-Axis)
CLOCKING, SAMPLING TREE, AND POWER SCALING
The AD7761 includes multiple ADC cores. Each of these ADCs
receives the same master clock signal, MCLK. The MCLK signal
can be sourced from one of three options: a CMOS clock, a crystal
connected between the XTAL1 and XTAL2 pins, or in the form
of an LVDS signal. The MCLK signal received by the AD7761 is
used to define the modulator clock rate, fMOD, and in turn the
sampling frequency of the modulator of 2 × fMOD. The same
MCLK signal is also used to define the digital output clock,
DCLK. The fMOD and DCLK internal signals are synchronous
with MCLK.
Figure 47 shows the clock tree from the MCLK input to the
modulator, the digital filter, and the DCLK output. There are
divider settings for MCLK and DCLK. These dividers, in
conjunction with the power mode and digital filter decimation
settings, are key to the operation of the AD7761.
The AD7761 has the ability to scale power consumption vs. the
input bandwidth or desired noise. The user controls two para-
meters to achieve this: MCLK division and power mode. When
combined, these two settings determine the clock frequency of the
modulator (fMOD) and the bias current supplied to each modulator.
The power mode (fast, median, or low power) sets the noise, speed
capability, and current consumption of the modulator. The
power mode is the dominant control for scaling the power
consumption of the ADC. All settings of MCLK division and
power mode apply to all ADC channels.
DCLK_DIV
00: DCLK = MCLK/8
01: DCLK = MCLK/4
10: DCLK = MCLK/2
11: DCLK = MCLK/1
MCLK_DIV
MCLK/4
MCLK/8
MCLK/32
POWER MODES:
FAST
MEDIAN
LOW POWER
DECIMATION RATES = ×32, ×64,
×128, ×256, ×512, ×1024
DIGITAL
FILTER
DCLK
DRDY
DOUTx
DATA
INTERFACE
CONTROL
ADC
MODULATOR
Figure 47. Sampling Structure, Defined by the MCLK, DCLK_DIV, and
MCLK_DIV Settings
The modulator clock frequency (fMOD) is determined by selecting
one of three clock divider settings: MCLK/4, MCLK/8, or
MCLK/32.
Although the MCLK division and power modes are independent
settings, there are restrictions that must be adhered to. A valid
range of modulator frequencies exists for each power mode.
Table 9 describes this recommended range, which allows the
device to achieve the best performance while minimizing power
consumption. The AD7761 specifications do not cover the
performance and function beyond the maximum fMOD for a given
power mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com