Electronic Components Datasheet Search
  English  ▼

X  

AD7761BSTZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 18Page - Analog Devices AD7761BSTZ Datasheet HTML 19Page - Analog Devices AD7761BSTZ Datasheet HTML 20Page - Analog Devices AD7761BSTZ Datasheet HTML 21Page - Analog Devices AD7761BSTZ Datasheet HTML 22Page - Analog Devices AD7761BSTZ Datasheet HTML 23Page - Analog Devices AD7761BSTZ Datasheet HTML 24Page - Analog Devices AD7761BSTZ Datasheet HTML 25Page - Analog Devices AD7761BSTZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
Data Sheet
AD7761
Rev. A | Page 21 of 75
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
5
5000
500
50
FREQUENCY (Hz)
SNR = 97.9dB
THD = –119.9dB
Figure 17. FFT One-Shot Mode, Sinc5 Filter, Median Mode,
Decimation = ×64, −0.5 dBFS, SYNC_IN Frequency = MCLK/4000
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
100
100k
10k
1k
FREQUENCY (Hz)
SECOND-ORDER IMD = –125.2dB
THIRD-ORDER IMD = –120.8 dB
Figure 18. IMD with Input Signals at 9.7 kHz and 10.3 kHz
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
1
2
3
4
5
6
7
CHANNEL
fIN = 3.15kHz
INTERFERER (1kHz) ON ALL OTHER CHANNELS
Figure 19. Crosstalk
–160
–140
–120
–100
–80
–60
–40
–20
0
0
5
10
15
20
25
30
35
40
MCLK FREQUENCY (MHz)
90
91
92
93
94
95
96
97
98
99
fIN = 1kHz
SNR, FAST
THD, FAST
THD + N, FAST
Figure 20. SNR, THD, and THD + N vs. MCLK Frequency
–140
–120
–100
–80
–60
–40
–20
0
10
100
1k
INPUT FREQUENCY (Hz)
10k
100k
FAST
MEDIAN
FOCUS
Figure 21. THD vs. Input Frequency, Three Power Modes, Wideband Filter
–140
–120
–100
–80
–60
–40
–20
0
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
THD + N
THD
Figure 22. THD and THD + N vs. Input Amplitude, Wideband Filter, Fast Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com