Electronic Components Datasheet Search
  English  ▼

X  

AD7761BSTZ Datasheet(PDF) 61 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 61 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 57Page - Analog Devices AD7761BSTZ Datasheet HTML 58Page - Analog Devices AD7761BSTZ Datasheet HTML 59Page - Analog Devices AD7761BSTZ Datasheet HTML 60Page - Analog Devices AD7761BSTZ Datasheet HTML 61Page - Analog Devices AD7761BSTZ Datasheet HTML 62Page - Analog Devices AD7761BSTZ Datasheet HTML 63Page - Analog Devices AD7761BSTZ Datasheet HTML 64Page - Analog Devices AD7761BSTZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 60 of 75
REGISTER MAP DETAILS (SPI CONTROL)
REGISTER MAP
Table 33. Detailed Register Map
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x00
Channel Standby
CH_7
CH_6
CH_5
CH_4
CH_3
CH_2
CH_1
CH_0
0x00 RW
0x01
Channel Mode A
Unused
FILTER_TYPE_A
DEC_RATE_A
0x0D RW
0x02
Channel Mode B
Unused
FILTER_TYPE_B
DEC_RATE_B
0x0D RW
0x03
Channel Mode
Select
CH_7_MODE
CH_6_MODE
CH_5_MODE CH_4_MODE
CH_3_MODE
CH_2_MODE
CH_1_MODE
CH_0_MODE
0x00 RW
0x04
POWER_MODE
SLEEP_MODE Unused
POWER_MODE
LVDS_ENABLE
Unused
MCLK_DIV
0x00 RW
0x05
General
Configuration
Unused
CLK_QUAL_DIS RETIME_EN
VCM_PD
Reserved
Unused
VCM_VSEL
0x08 RW
0x06
Data Control
SPI_SYNC
Unused
SINGLE_SHOT_EN
Unused
SPI_RESET
0x80 RW
0x07
Interface
Configuration
Unused
CRC_SELECT
DCLK_DIV
0x0
RW
0x08
BIST Control
Unused
RAM_BIST_
START
0x0
RW
0x09
Device Status
Unused
CHIP_ERROR
NO_CLOCK_
ERROR
RAM_BIST_PASS RAM_BIST_
RUNNING
0x0
R
0x0A
Revision ID
REVISION_ID
0x06 R
0x0B
Reserved
Reserved
0x00 R
0x0C
Reserved
Reserved
0x00 R
0x0D
Reserved
Reserved
0x00 R
0x0E
GPIO Control
UGPIO_
ENABLE
Unused
GPIOE4_FILTER
GPIOE3_MODE3
GPIOE2_MODE2 GPIOE1_MODE1 GPIO0_MODE0 0x00 RW
0x0F
GPIO Write Data
Unused
GPIO4_WRITE
GPIO3_WRITE
GPIO2_WRITE
GPIO1_WRITE
GPIO0_WRITE
0x00 RW
0x10
GPIO Read Data
Unused
GPIO4_READ
GPIO3_READ
GPIO2_READ
GPIO1_READ
GPIO0_READ
0x00 R
0x11
Precharge Buffer 1 CH3_PREBUF_
NEG_EN
CH3_PREBUF_
POS_EN
CH2_PREBUF_
NEG_EN
CH2_PREBUF_
POS_EN
CH1_PREBUF_
NEG_EN
CH1_PREBUF_
POS_EN
CH0_PREBUF_
NEG_EN
CH0_PREBUF_
POS_EN
0xFF RW
0x12
Precharge Buffer 2 CH7_PREBUF_
NEG_EN
CH7_PREBUF_
POS_EN
CH6_PREBUF_
NEG_EN
CH6_PREBUF_
POS_EN
CH5_PREBUF_
NEG_EN
CH5_PREBUF_
POS_EN
CH4_PREBUF_
NEG_EN
CH4_PREBUF_
POS_EN
0xFF RW
0x13
Positive Reference
Precharge Buffer
CH7_REFP_
BUF
CH6_REFP_
BUF
CH5_REFP_
BUF
CH4_REFP_BUF
CH3_REFP_BUF
CH2_REFP_BUF
CH1_REFP_BUF
CH0_REFP_
BUF
0x00 RW
0x14
Negative Reference
Precharge Buffer
CH7_REFN_
BUF
CH6_REFN_
BUF
CH5_REFN_
BUF
CH4_REFN_BUF
CH3_REFN_BUF CH2_REFN_BUF CH1_REFN_BUF CH0_REFN_
BUF
0x00 RW
0x1E
Channel 0 Offset
CH0_OFFSET_MSB
0x00 RW
0x1F
CH0_OFFSET_MID
0x20
CH0_OFFSET_LSB
0x21
Channel 1 Offset
CH1_OFFSET_MSB
0x00 RW
0x22
CH1_OFFSET_MID
0x23
CH1_OFFSET_LSB
0x24
Channel 2 Offset
CH2_OFFSET_MSB
0x00 RW
0x25
CH2_OFFSET_MID
0x26
CH2_OFFSET_LSB
0x27
Channel 3 Offset
CH3_OFFSET_MSB
0x00 RW
0x28
CH3_OFFSET_MID
0x29
CH3_OFFSET_LSB
0x2A
Channel 4 Offset
CH4_OFFSET_MSB
0x00 RW
0x2B
CH4_OFFSET_MID
0x2C
CH4_OFFSET_LSB
0x2D
Channel 5 Offset
CH5_OFFSET_MSB
0x00 RW
0x2E
CH5_OFFSET_MID
0x2F
CH5_OFFSET_LSB
0x30
Channel 6 Offset
CH6_OFFSET_MSB
0x00 RW
0x31
CH6_OFFSET_MID
0x32
CH6_OFFSET_LSB
0x33
Channel 7 Offset
CH7_OFFSET_MSB
0x00 RW
0x34
CH7_OFFSET_MID
0x35
CH7_OFFSET_LSB
0x36
Channel 0 Gain
CH0_GAIN_MSB
0xXX RW
0x37
CH0_GAIN_MID
0x38
CH0_GAIN_LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com