Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 180 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 180 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 176Page - National Semiconductor (TI) CS5530A Datasheet HTML 177Page - National Semiconductor (TI) CS5530A Datasheet HTML 178Page - National Semiconductor (TI) CS5530A Datasheet HTML 179Page - National Semiconductor (TI) CS5530A Datasheet HTML 180Page - National Semiconductor (TI) CS5530A Datasheet HTML 181Page - National Semiconductor (TI) CS5530A Datasheet HTML 182Page - National Semiconductor (TI) CS5530A Datasheet HTML 183Page - National Semiconductor (TI) CS5530A Datasheet HTML 184Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 259 page
background image
www.national.com
180
Revision 1.1
Register Descriptions (Continued)
Index F6h
Second Level Power Management Status Register 3 (RC)
Reset Value = 00h
7
Video Access Trap SMI Status (Read to Clear): SMI was caused by a trapped I/O access to the Video I/O Trap?
0= No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported in F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 82h[7].
6
Reserved (Read Only)
5
Secondary Hard Disk Access Trap SMI Status (Read to Clear): SMI was caused by a trapped I/O access to the
secondary hard disk? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported in F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 83h[6].
4
Secondary Hard Disk Idle Timer SMI Status (Read to Clear): SMI was caused by expiration of the Hard Disk Idle Timer
Count Register (F0 Index ACh)? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported in F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 83h[7].
3
Keyboard/Mouse Access Trap SMI Status (Read to Clear): SMI was caused by a trapped I/O access to the keyboard or
mouse? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported in F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 82h[3].
2
Parallel/Serial Access Trap SMI Status (Read to Clear): SMI was caused by a trapped I/O access to either the serial or
parallel ports? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported in F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 82h[2].
1
Floppy Disk Access Trap SMI Status (Read to Clear): SMI was caused by a trapped I/O access to the
floppy disk? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported in F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 82h[1].
0
Primary Hard Disk Access Trap SMI Status (Read to Clear): SMI was caused by a trapped I/O access to the
primary hard disk? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported in F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 82h[0].
Note: This register provides status on the Device Traps to the SMI handler. A bit set here indicates that an access occurred to the
device while the trap was enabled, causing an SMI. Reading this register clears the SMI status bits. A read-only (mirror) version
of this register exists at F0 Index 86h. If the value of the register must be read without clearing the SMI source (and consequently
deasserting SMI), F0 Index 86h may be read instead.
Table 4-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com