Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 177 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 177 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 173Page - National Semiconductor (TI) CS5530A Datasheet HTML 174Page - National Semiconductor (TI) CS5530A Datasheet HTML 175Page - National Semiconductor (TI) CS5530A Datasheet HTML 176Page - National Semiconductor (TI) CS5530A Datasheet HTML 177Page - National Semiconductor (TI) CS5530A Datasheet HTML 178Page - National Semiconductor (TI) CS5530A Datasheet HTML 179Page - National Semiconductor (TI) CS5530A Datasheet HTML 180Page - National Semiconductor (TI) CS5530A Datasheet HTML 181Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 259 page
background image
Revision 1.1
177
www.national.com
Register Descriptions (Continued)
Index CDh
User Defined Device 2 Control Register (R/W)
Reset Value = 00h
7
Memory or I/O Mapped: User Defined Device 2 is: 0 = I/O; 1 = Memory.
6:0
Mask
If bit 7 = 0 (I/O):
Bit 6
0 = Disable write cycle tracking
1 = Enable write cycle tracking
Bit 5
0 = Disable read cycle tracking
1 = Enable read cycle tracking
Bits 4:0
Mask for address bits A[4:0]
If bit 7 = 1 (M/IO):
Bits 6:0
Mask for address memory bits A[15:9] (512 bytes min. and 64 KB max.) and A[8:0] are ignored.
Note: A “1” in a mask bit means that the address bit is ignored for comparison.
Index CEh
User Defined Device 3 Control Register (R/W)
Reset Value = 00h
7
Memory or I/O Mapped: User Defined Device 3 is: 0 = I/O; 1 = Memory.
6:0
Mask
If bit 7 = 0 (I/O):
Bit 6
0 = Disable write cycle tracking
1 = Enable write cycle tracking
Bit 5
0 = Disable read cycle tracking
1 = Enable read cycle tracking
Bits 4:0
Mask for address bits A[4:0]
If bit 7 = 1 (M/IO):
Bits 6:0
Mask for address memory bits A[15:9] (512 bytes min. and 64 KB max.) and A[8:0] are ignored.
Note: A “1” in a mask bit means that the address bit is ignored for comparison.
Index CFh
Reserved
Reset Value = xxh
Index D0h
Software SMI Register (WO)
Reset Value = 00h
7:0
Software SMI (Write Only): A write to this location generates an SMI. The data written is irrelevant. This register allows
software entry into SMM via normal bus access instructions.
Index D1h-EBh
Reserved
Reset Value = xxh
Index ECh
Timer Test Register (R/W)
Reset Value = 00h
7:0
Timer Test Value: The Timer Test Register is intended only for test and debug purposes. It is not intended for setting oper-
ational timebases.
Index EDh-F3h
Reserved
Reset Value = xxh
Table 4-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com