Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 184 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 184 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 180Page - National Semiconductor (TI) CS5530A Datasheet HTML 181Page - National Semiconductor (TI) CS5530A Datasheet HTML 182Page - National Semiconductor (TI) CS5530A Datasheet HTML 183Page - National Semiconductor (TI) CS5530A Datasheet HTML 184Page - National Semiconductor (TI) CS5530A Datasheet HTML 185Page - National Semiconductor (TI) CS5530A Datasheet HTML 186Page - National Semiconductor (TI) CS5530A Datasheet HTML 187Page - National Semiconductor (TI) CS5530A Datasheet HTML 188Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 259 page
background image
www.national.com
184
Revision 1.1
Register Descriptions (Continued)
Offset 02h-03h
Top Level SMI Status Register (RC)
Reset Value = 0000h
15
Suspend Modulation Enable Mirror (Read to Clear): This bit mirrors the Suspend Mode Configuration bit (F0 Index
96h[0]). It is used by the SMI handler to determine if the SMI Speedup Disable Register (F1BAR+Memory Offset 08h) must
be cleared on exit.
14
SMI Source is USB (Read to Clear): SMI was caused by USB activity? 0 = No; 1 = Yes.
SMI generation is configured in F0 Index 42h[7:6].
13
SMI Source is Warm Reset Command (Read to Clear): SMI was caused by Warm Reset command?
0= No; 1 = Yes.
12
SMI Source is NMI (Read to Clear): SMI was caused by NMI activity? 0 = No; 1 = Yes.
11:10
Reserved (Read to Clear): Always reads 0.
9
SMI Source is General Purpose Timers/User Defined Device Traps/Register Space Trap (Read to Clear): SMI was
caused by expiration of GP Timer 1/2; trapped access to UDEF3/2/1; trapped access to F1-F4 or ISA Legacy Register
Space? 0 = No; 1 = Yes.
The next level of status is found at F1BAR+Memory Offset 04h/06h.
8
SMI Source is Software Generated (Read to Clear): SMI was caused by software? 0 = No; 1 = Yes.
7
SMI on an A20M# Toggle (Read to Clear): SMI was caused by an access to either Port 092h or the keyboard command
which initiates an A20M# SMI? 0 = No; 1 = Yes.
This method of controlling the internal A20M# in the GX-series processor is used instead of a pin.
SMI generation enabling is at F0 Index 53h[0].
6
SMI Source is a VGA Timer Event (Read to Clear): SMI was caused by the expiration of the VGA Timer (F0 Index 8Eh)?
0= No; 1 = Yes.
SMI generation enabling is at F0 Index 83h[3].
5
SMI Source is Video Retrace (IRQ2) (Read to Clear): SMI was caused by a video retrace event as decoded from the
serial connection (PSERIAL register, bit 7) from the GX-series processor? 0 = No; 1 = Yes.
SMI generation enabling is at F0 Index 83h[2].
4:2
Reserved (Read to Clear): Always reads 0.
1
SMI Source is Audio Interface (Read to Clear): SMI was caused by the audio interface? 0 = No; 1 = Yes.
The next level SMI status registers is found in F3BAR+Memory Offset 10h/12h.
0
SMI Source is Power Management Event (Read to Clear): SMI was caused by one of the power management resources?
0= No; 1 = Yes.
The next level of status is found at F0 Index 84h-87h/F4h-F7h.
Note: The status for the General Purpose Timers and the User Device Defined Traps are checked separately in bit 9.
Note: Reading this register clears all the SMI status bits. Note that bits 9, 1, and 0 have another level (second) of status reporting.
A read-only “Mirror” version of this register exists at F1BAR+Memory Offset 00h. If the value of the register must be read without
clearing the SMI source (and consequently deasserting SMI), the Mirror register may be read instead.
Table 4-17. F1BAR+Memory Offset xxh: SMI Status and ACPI Timer Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com