Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 188 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 188 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 184Page - National Semiconductor (TI) CS5530A Datasheet HTML 185Page - National Semiconductor (TI) CS5530A Datasheet HTML 186Page - National Semiconductor (TI) CS5530A Datasheet HTML 187Page - National Semiconductor (TI) CS5530A Datasheet HTML 188Page - National Semiconductor (TI) CS5530A Datasheet HTML 189Page - National Semiconductor (TI) CS5530A Datasheet HTML 190Page - National Semiconductor (TI) CS5530A Datasheet HTML 191Page - National Semiconductor (TI) CS5530A Datasheet HTML 192Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 259 page
background image
www.national.com
188
Revision 1.1
Register Descriptions (Continued)
4.3.3
IDE Controller Registers - Function 2
The register space for the IDE controllers is divided into
two sections. The first section is used to configure the PCI
portion of the controller. A Base Address Register at F2
Index 20h points to the base address of where the second
portion of the register space is located. This second sec-
tion contains the registers used by the IDE controllers to
carry out operations.
Table 4-18 shows the PCI header registers of F2. The I/O
mapped registers, accessed through F2BAR, are shown in
Table 4-19.
If the IDE Configuration Trap bit (F0 Index 41h[6]) is set,
access to the PCI header registers causes an SMI. Access
through F2BAR is not affected by this bit.
Table 4-18. F2 Index xxh: PCI Header Registers for IDE Configuration
Bit
Description
Index 00h-01h
Vendor Identification Register (RO)
Reset Value = 1078h
Index 02h-03h
Device Identification Register (RO)
Reset Value = 0102h
Index 04h-05h
PCI Command Register (R/W)
Reset Value = 0000h
15:3
Reserved (Read Only)
2
Reserved
1
Reserved (Read Only)
0
I/O Space: Allow CS5530A to respond to I/O cycles from the PCI bus. 0 = Disable; 1 = Enable.
This bit must be enabled to access I/O offsets through F2BAR (F2 Index 20h).
Index 06h-07h
PCI Status Register (RO)
Reset Value = 0280h
Index 08h
Device Revision ID Register (RO)
Reset Value = 00h
Index 09h-0Bh
PCI Class Code Register (RO)
Reset Value = 010180h
Index 0Ch
PCI Cache Line Size Register (RO)
Reset Value = 00h
Index 0Dh
PCI Latency Timer Register (RO)
Reset Value = 00h
Index 0Eh
PCI Header Type (RO)
Reset Value = 00h
Index 0Fh
PCI BIST Register (RO)
Reset Value = 00h
Index 10h-1Fh
Reserved
ReservedReset Value = 00h
Index 20h-23h
Base Address Register - F2BAR (R/W)
Reset Value = 00000001h
This register sets the base address of the I/O mapped bus mastering IDE and controller registers. Bits [6:0] are read only (0000 001),
indicating a 128-byte I/O address range. Refer to Table 4-19 for the IDE configuration registers bit formats and reset values.
31:7
Bus Mastering IDE Base Address
6:0
Address Range (Read Only)
Index 24h-3Fh
Reserved
Reset Value = 00h
Index 40h-FFh
Reserved
Reset Value = xxh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com