Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 191 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 191 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 187Page - National Semiconductor (TI) CS5530A Datasheet HTML 188Page - National Semiconductor (TI) CS5530A Datasheet HTML 189Page - National Semiconductor (TI) CS5530A Datasheet HTML 190Page - National Semiconductor (TI) CS5530A Datasheet HTML 191Page - National Semiconductor (TI) CS5530A Datasheet HTML 192Page - National Semiconductor (TI) CS5530A Datasheet HTML 193Page - National Semiconductor (TI) CS5530A Datasheet HTML 194Page - National Semiconductor (TI) CS5530A Datasheet HTML 195Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 259 page
background image
Revision 1.1
191
www.national.com
Register Descriptions (Continued)
Offset 24h-27h
Channel 0 Drive 0 DMA Control Register (R/W)
Reset Value = 00077771h
If bit 20 = 0, Multiword DMA
Settings for:
Multiword DMA Mode 0 = 00077771h
Multiword DMA Mode 1 = 00012121h
Multiword DMA Mode 2 = 00002020h
31
PIO Mode Format: 0 = Format 0; 1 = Format 1.
30:21
Reserved: Set to 0.
20
DMA Operation: 0 = Multiword DMA; 1 = Ultra DMA.
19:16
tKR: IDE_IOR# recovery time (4-bit) (value + 1 cycle)
15:12
tDR: IDE_IOR# pulse width (value + 1 cycle)
11:8
tKW: IDE_IOW# recovery time (4-bit) (value + 1 cycle)
7:4
tDW: IDE_IOW# pulse width (value + 1 cycle)
3:0
tM: IDE_CS0#/CS1# to IDE_IOR#/IOW# setup; IDE_CS0#/CS1# setup to IDE_DACK0#/DACK1#
If bit 20 = 1,Ultra DMA
Settings for:
Ultra DMA Mode 0 = 00921250h
Ultra DMA Mode 1 = 00911140h
Ultra DMA Mode 2 = 00911030h
31
PIO Mode Format: 0 = Format 0; 1 = Format 1.
30:21
Reserved: Set to 0.
20
DMA Operation: 0 = Multiword DMA, 1 = Ultra DMA.
19:16
tCRC: CRC setup UDMA in IDE_DACK# (value + 1 cycle) (for host terminate CRC setup = tMLI + tSS)
15:12
tSS: UDMA out (value + 1 cycle)
11:8
tCYC: Data setup and cycle time UDMA out (value + 2 cycles)
7:4
tRP: Ready to pause time (value + 1 cycle). Note: tRFS + 1 tRP on next clock.
3:0
tACK: IDE_CS0#/CS1# setup to IDE_DACK0#/DACK1# (value + 1 cycle)
Offset 28h-2Bh
Channel 0 Drive 1 PIO Register (R/W)
Reset Value = 0000E132h
Channel 0 Drive 1 Programmed I/O Control Register: Refer to F2BAR+I/O Offset 20h for bit descriptions.
Offset 2Ch-2Fh
Channel 0 Drive 1 DMA Control Register (R/W)
Reset Value = 00077771h
Channel 0 Drive 1 MDMA/UDMA Control Register: Refer to F2BAR+I/O Offset 24h for bit descriptions.
Note: Once the PIO Mode Format is selected in F2BAR+I/O Offset 24h[31], bit 31 of this register is defined as reserved, read only.
Offset 30h-33h
Channel 1 Drive 0 PIO Register (R/W)
Reset Value = 0000E132h
Channel 1 Drive 0 Programmed I/O Control Register: Refer to F2BAR+I/O Offset 20h for bit descriptions.
Offset 34h-37h
Channel 1 Drive 0 DMA Control Register (R/W)
Reset Value = 00077771h
Channel 1 Drive 0 MDMA/UDMA Control Register: Refer to F2BAR+I/O Offset 24h for bit descriptions.
Note: Once the PIO Mode Format is selected in F2BAR+I/O Offset 24h[31], bit 31 of this register is defined as reserved, read only.
Offset 38h-3Bh
Channel 1 Drive 1 PIO Register (R/W)
Reset Value = 0000E132h
Channel 1 Drive 1 Programmed I/O Control Register: Refer to F2BAR+I/O Offset 20h for bit descriptions.
Offset 3Ch-3Fh
Channel 1 Drive 1 DMA Control Register (R/W)
Reset Value = 00077771h
Channel 1 Drive 1 MDMA/UDMA Control Register: Refer to F2BAR+I/O Offset 24h for bit descriptions.
Note: Once the PIO Mode Format is selected in F2BAR+I/O Offset 24h[31], bit 31 of this register is defined as reserved, read only.
Offset 40h-FFh
Reserved
Reset Value = xxh
Table 4-19. F2BAR+I/O Offset xxh: IDE Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com