Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 189 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 189 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 185Page - National Semiconductor (TI) CS5530A Datasheet HTML 186Page - National Semiconductor (TI) CS5530A Datasheet HTML 187Page - National Semiconductor (TI) CS5530A Datasheet HTML 188Page - National Semiconductor (TI) CS5530A Datasheet HTML 189Page - National Semiconductor (TI) CS5530A Datasheet HTML 190Page - National Semiconductor (TI) CS5530A Datasheet HTML 191Page - National Semiconductor (TI) CS5530A Datasheet HTML 192Page - National Semiconductor (TI) CS5530A Datasheet HTML 193Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 259 page
background image
Revision 1.1
189
www.national.com
Register Descriptions (Continued)
Table 4-19. F2BAR+I/O Offset xxh: IDE Configuration Registers
Bit
Description
Offset 00h
IDE Bus Master 0 Command Register — Primary (R/W)
Reset Value = 00h
7:4
Reserved: Set to 0. Must return 0 on reads.
3
Read or Write Control: Sets the direction of bus master transfers. 0 = PCI reads performed; 1 = PCI writes performed.
This bit should not be changed when the bus master is active.
2:1
Reserved: Set to 0. Must return 0 on reads.
0
Bus Master Control: Controls the state of the bus master. 0 = Disable master; 1 = Enable master.
Bus master operations can be halted by setting bit 0 to 0. Once an operation has been halted, it can not be resumed. If bit 0
is set to 0 while a bus master operation is active, the command is aborted and the data transferred from the drive is dis-
carded. This bit should be reset after completion of data transfer.
Offset 01h
Reserved
Reset Value = xxh
Offset 02h
IDE Bus Master 0 Status Register — Primary (R/W)
Reset Value = 00h
7
Simplex Mode (Read Only): Can both the primary and secondary channel operate independently?
0 = Yes; 1 = No (simplex mode).
6
Drive 1 DMA Capable: Allow Drive 1 to be capable of DMA transfers. 0 = Disable; 1 = Enable.
5
Drive 0 DMA Capable: Allow Drive 0 to be capable of DMA transfers. 0 = Disable; 1 = Enable.
4:3
Reserved: Set to 0. Must return 0 on reads.
2
Bus Master Interrupt: Has the bus master detected an interrupt? 0 = No; 1 = Yes.
Write 1 to clear.
1
Bus Master Error: Has the bus master detected an error during data transfer? 0 = No; 1 = Yes.
Write 1 to clear.
0
Bus Master Active (Read Only): Is the bus master active? 0 = No; 1 = Yes.
Offset 03h
Reserved
Reset Value = xxh
Offset 04h-07h
IDE Bus Master 0 PRD Table Address — Primary (R/W)
Reset Value = 00000000h
31:2
Pointer to the Physical Region Descriptor Table: This register is a PRD table pointer for IDE Bus Master 0.
When written, this register points to the first entry in a PRD table. Once IDE Bus Master 0 is enabled (Command Register bit
0 = 1], it loads the pointer and updates this register to the next PRD by adding 08h.
When read, this register points to the next PRD.
1:0
Reserved: Set to 0.
Offset 08h
IDE Bus Master 1 Command Register — Secondary (R/W)
Reset Value = 00h
7:4
Reserved: Set to 0. Must return 0 on reads.
3
Read or Write Control: Sets the direction of bus master transfers. 0 = PCI reads performed; 1 = PCI writes performed.
This bit should not be changed when the bus master is active.
2:1
Reserved: Set to 0. Must return 0 on reads.
0
Bus Master Control: Controls the state of the bus master. 0 = Disable master; 1 = Enable master.
Bus master operations can be halted by setting bit 0 = 0. Once an operation has been halted, it can not be resumed. If bit 0
is set to 0 while a bus master operation is active, the command is aborted and the data transferred from the drive is dis-
carded. This bit should be reset after completion of data transfer.
Offset 09h
Reserved
Reset Value = xxh
Offset 0Ah
IDE Bus Master 1 Status Register — Secondary (R/W)
Reset Value = 00h
7
Simplex Mode (Read Only): Can both the primary and secondary channel operate independently?
0 = Yes; 1 = No (simplex mode).
6
Drive 1 DMA Capable: Allow Drive 1 to be capable of DMA transfers. 0 = Disable; 1 = Enable.
5
Drive 0 DMA Capable: Allow Drive 0 to be capable of DMA transfers. 0 = Disable; 1 = Enable.
4:3
Reserved: Set to 0. Must return 0 on reads.
2
Bus Master Interrupt: Has the bus master detected an interrupt? 0 = No; 1 = Yes.
Write 1 to clear.
1
Bus Master Error: Has the bus master detected an error during data transfer? 0 = No; 1 = Yes.
Write 1 to clear.
0
Bus Master Active (Read Only): Is the bus master active? 0 = No; 1 = Yes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com