Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 186 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 186 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 182Page - National Semiconductor (TI) CS5530A Datasheet HTML 183Page - National Semiconductor (TI) CS5530A Datasheet HTML 184Page - National Semiconductor (TI) CS5530A Datasheet HTML 185Page - National Semiconductor (TI) CS5530A Datasheet HTML 186Page - National Semiconductor (TI) CS5530A Datasheet HTML 187Page - National Semiconductor (TI) CS5530A Datasheet HTML 188Page - National Semiconductor (TI) CS5530A Datasheet HTML 189Page - National Semiconductor (TI) CS5530A Datasheet HTML 190Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 259 page
background image
www.national.com
186
Revision 1.1
Register Descriptions (Continued)
Offset 06h-07h
Second Level General Traps & Timers SMI Status Register (RC)
Reset Value = 0000h
15:6
Reserved (Read to Clear)
5
PCI Function Trap (Read to Clear): SMI was caused by a trapped configuration cycle (listed below)?
0= No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported in F1BAR+Memory Offset 00h/02h[9].
Trapped access to F0 PCI header registers other than Index 40h-43h; SMI generation enabling is at F0 Index 41h[0].
Trapped access to F1 PCI header registers; SMI generation enabling is at F0 Index 41h[3].
Trapped access to F2 PCI header registers; SMI generation enabling is at F0 Index 41h[6].
Trapped access to F3 PCI header registers; SMI generation enabling is at F0 Index 42h[0].
Trapped access to F4 PCI header registers; SMI generation enabling is at F0 Index 42h[1].
4
SMI Source is Trapped Access to User Defined Device 3 (Read to Clear): SMI was caused by a trapped I/O or memory
access to the User Defined Device 3 (F0 Index C8h)? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported in F1BAR+Memory Offset 00h/02h[9].
SMI generation enabling is at F0 Index 82h[6].
3
SMI Source is Trapped Access to User Defined Device 2 (Read to Clear): SMI was caused by a trapped I/O or memory
access to the User Defined Device 2 (F0 Index C4h)? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported in F1BAR+Memory Offset 00h/02h[9].
SMI generation enabling is at F0 Index 82h[5].
2
SMI Source is Trapped Access to User Defined Device 1 (Read to Clear): SMI was caused by a trapped I/O or memory
access to the User Defined Device 1 (F0 Index C0h)? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported in F1BAR+Memory Offset 00h/02h[9].
SMI generation enabling is at F0 Index 82h[4].
1
SMI Source is Expired General Purpose Timer 2 (Read to Clear): SMI was caused by the expiration of General
Purpose Timer 2 (F0 Index 8Ah)? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported in F1BAR+Memory Offset 00h/02h[9].
SMI generation enabling is at F0 Index 83h[1].
0
SMI Source is Expired General Purpose Timer 1 (Read to Clear): SMI was caused by the expiration of General
Purpose Timer 1 (F0 Index 88h)? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported in F1BAR+Memory Offset 00h/02h[9].
SMI generation enabling is at F0 Index 83h[0].
Note: Reading this register clears all the SMI status bits.
A read-only “Mirror” version of this register exists at F1BAR+Memory Offset 04h. If the value of the register must be read without
clearing the SMI source (and consequently deasserting SMI), the Mirror register may be read instead.
Offset 08h-09h
SMI Speedup Disable Register (Read to Enable)
Reset Value = 0000h
15:0
SMI Speedup Disable: If bit 1 in the Suspend Configuration Register is set (F0 Index 96h[1] = 1), a read of this register
invokes the SMI handler to re-enable Suspend Modulation.
The data read from this register can be ignored. If the Suspend Modulation feature is disabled, reading this I/O location has
no effect.
Offset 0Ah-1Bh
Reserved
Reset Value = xxh
Offset 1Ch-1Fh (Note)
ACPI Timer Count Register (RO)
Reset Value = 00FFFFFCh
ACPI_COUNT (Read Only): This read-only register provides the current value of the ACPI timer. The timer counts at 14.31818/4 MHz
(3.579545 MHz). If SMI generation is enabled via F0 Index 83h[5], an SMI is generated when the MSB toggles. The MSB toggles every
2.343 seconds.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 87h/F7h[0].
31:24
Reserved: Always returns 0.
23:0
Counter
Note: The ACPI Timer Count Register is also accessible through I/O Port 121Ch.
Table 4-17. F1BAR+Memory Offset xxh: SMI Status and ACPI Timer Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com