Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 190 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 190 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 186Page - National Semiconductor (TI) CS5530A Datasheet HTML 187Page - National Semiconductor (TI) CS5530A Datasheet HTML 188Page - National Semiconductor (TI) CS5530A Datasheet HTML 189Page - National Semiconductor (TI) CS5530A Datasheet HTML 190Page - National Semiconductor (TI) CS5530A Datasheet HTML 191Page - National Semiconductor (TI) CS5530A Datasheet HTML 192Page - National Semiconductor (TI) CS5530A Datasheet HTML 193Page - National Semiconductor (TI) CS5530A Datasheet HTML 194Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 259 page
background image
www.national.com
190
Revision 1.1
Register Descriptions (Continued)
Offset 0Bh
Reserved
Reset Value = xxh
Offset 0Ch-0Fh
IDE Bus Master 1 PRD Table Address — Secondary (R/W)
Reset Value = 00000000h
31:2
Pointer to the Physical Region Descriptor Table: This register is a PRD table pointer for IDE Bus Master 1.
When written, this register points to the first entry in a PRD table. Once IDE Bus Master 1 is enabled (Command Register bit
0 = 1], it loads the pointer and updates this register to the next PRD by adding 08h.
When read, this register points to the next PRD.
1:0
Reserved: Set to 0.
Offset 10h-1Fh
Reserved
Reset Value = xxh
Offset 20h-23h
Channel 0 Drive 0 PIO Register (R/W)
Reset Value = 0000E132h (Note)
If Offset 24h[31] = 0, Format 0: Selects slowest PIOMODE per channel for commands.
Format 0 settings for: PIO Mode 0 = 00009172h
PIO Mode 1 = 00012171h
PIO Mode 2 = 00020080h
PIO Mode 3 = 00032010h
PIO Mode 4 = 00040010h
31:20
Reserved: Set to 0.
19:16
PIOMODE: PIO mode
15:12
t2I: Recovery time (value + 1 cycle)
11:8
t3: IDE_IOW# data setup time (value + 1 cycle)
7:4
t2W: IDE_IOW# width minus t3 (value + 1 cycle)
3:0
t1: Address Setup Time (value + 1 cycle)
If Offset 24h[31] = 1, Format 1: Allows independent control of command and data.
Format 1 settings for: PIO Mode 0 = 9172D132h
PIO Mode 1 = 21717121h
PIO Mode 2 = 00803020h
PIO Mode 3 = 20102010h
PIO Mode 4 = 00100010h
31:28
t2IC: Command cycle recovery time (value + 1 cycle)
27:24
t3C: Command cycle IDE_IOW# data setup (value + 1 cycle)
23:20
t2WC: Command cycle IDE_IOW# pulse width minus t3 (value + 1 cycle)
19:16
t1C: Command cycle address setup time (value + 1 cycle)
15:12
t2ID: Data cycle recovery time (value + 1 cycle)
11:8
t3D: Data cycle IDE_IOW# data setup (value + 1 cycle)
7:4
t2WD: Data cycle IDE_IOW# pulse width minus t3 (value + 1 cycle)
3:0
t1D: Data cycle address Setup Time (value + 1 cycle)
Note: The reset value of this register is not a valid PIO Mode.
Table 4-19. F2BAR+I/O Offset xxh: IDE Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com