Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 246 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 246 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 242Page - National Semiconductor (TI) CS5530A Datasheet HTML 243Page - National Semiconductor (TI) CS5530A Datasheet HTML 244Page - National Semiconductor (TI) CS5530A Datasheet HTML 245Page - National Semiconductor (TI) CS5530A Datasheet HTML 246Page - National Semiconductor (TI) CS5530A Datasheet HTML 247Page - National Semiconductor (TI) CS5530A Datasheet HTML 248Page - National Semiconductor (TI) CS5530A Datasheet HTML 249Page - National Semiconductor (TI) CS5530A Datasheet HTML 250Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 259 page
background image
www.national.com
246
Revision 1.1
Electrical Specifications (Continued)
Figure 5-7. CPU Interface Timing
Table 5-10. DCLK PLL Specifications
Symbol
Parameter
Min
Typ
Max
Units
Comments (Note 1)
fDCLK
DCLK Clock Operating Frequency
25
157.5
MHz
Also known as CRT
clock
fREF
Input Reference Frequency
14.318
MHz
tRISE/FALL
Output Clock Rise/Fall Time
2
ns
@ 25 MHz
--
Jitter, Peak-to-Peak
-300
300
ps
DC
Duty Cycle
40/60
60/40
%
1.
All tests, unless otherwise specified, are at VDD = 3.14V to 3.46V, TC = 0°C to 85°C, and CL =50 pF.
Table 5-11. CPU Interface Timing
Symbol
Parameter
Min
Max
Units
Comments (Note 1)
tSMI
Rising PCICLK to SMI#
3
16
ns
tSUSP#
Rising PCICLK to SUSP#
6
9
ns
tSUSPASetup
SUSPA# Setup to Rising PCICLK
0
ns
tSUSPAHold
SUSPA# Hold from Rising PCICLK
3
ns
--
IRQ13 Input
Asynchronous input for IRQ decode.
--
INTR Output
Asynchronous output from IRQ decode.
--
SMI# Output
Asynchronous output from SMI decode.
1.
All tests, unless otherwise specified, are at VDD = 3.14V to 3.46V, TC = 0°C to 85°C, and CL =50 pF.
PCICLK
SMI#
tSMI
SUSP#
Valid Input
tSUSPAsetup
tSUSPAhold
SUSPA#
tSUSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com