Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM2887 Datasheet HTML 4Page - Linear Technology LTM2887 Datasheet HTML 5Page - Linear Technology LTM2887 Datasheet HTML 6Page - Linear Technology LTM2887 Datasheet HTML 7Page - Linear Technology LTM2887 Datasheet HTML 8Page - Linear Technology LTM2887 Datasheet HTML 9Page - Linear Technology LTM2887 Datasheet HTML 10Page - Linear Technology LTM2887 Datasheet HTML 11Page - Linear Technology LTM2887 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LTM2887
8
2887fb
For more information www.linear.com/LTM2887
TYPICAL PERFORMANCE CHARACTERISTICS
VCC2 or VL2 Output Voltage
vs Input Voltage and Load Current
VCC2 or VL2 Output Voltage
vs Input Voltage and Load Current
VCC Supply Current
vs Temperature
VCC2 and VL2 Voltage
vs Equal Load Current
TA = 25°C, LTM2887-3 VCC = 3.3V,
LTM2887-5 VCC = 5V, VL = 3.3V, GND = GND2 = 0V, ON = VL unless otherwise noted.
VCC2 or VL2 Load Regulation
vs Temperature
VCC2 or VL2 Efficiency
VCC2 or VL2 Voltage and VCC Input
Current vs Load Current
VCC2 or VL2 Load Regulation
vs Temperature
TEMPERATURE (°C)
–50
30
25
15
10
20
5
50
0
100
2887 G01
125
25
–25
75
NO LOAD, REFRESH DATA ONLY
LTM2887-3
VCC = 3.3V
LTM2887-5
VCC = 5V
LOAD CURRENT (mA)
0
5.25
4.50
4.25
4.75
5.00
4.00
100
50
75
25
2887 G02
125
LTM2887-3, VCC = 3.3V
LTM2887-5, VCC = 5V
LOAD CURRENT (mA)
0
5.25
4.25
4.50
4.75
5.00
4.00
100
50
2887 G03
200
150
LTM2887-3, VCC = 3V
LTM2887-3, VCC = 3.3V
LTM2887-3, VCC = 3.6V
LOAD CURRENT (mA)
0
5.25
4.25
4.50
4.75
5.00
4.00
150
100
50
200
2887 G04
250
LTM2887-5, VCC = 4.5V
LTM2887-5, VCC = 5V
LTM2887-5, VCC = 5.5V
TEMPERATURE (°C)
–50
5.10
4.95
5.00
5.05
4.90
25
0
–25
50
2887 G05
125
100
75
LTM2887-3
VCC = 3.3V
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
5.10
5.05
5.00
4.95
4.90
TEMERATURE (°C)
–50
75
50
25
0
–25
2887 G06
125
100
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
LTM2887-5
VCC = 5V
LOAD CURRENT (mA)
0
70
10
20
30
40
50
60
0
1.4
0.2
0.4
0.6
0.8
1.0
1.2
0.0
125
100
75
50
25
175
150
2887 G07
225
200
EFFICIENCY
POWER LOSS
LTM2887-3, VCC = 3.3V
LTM2887-5, VCC = 5V
LOAD CURRENT (mA)
0
5.5
2.0
3.0
2.5
3.5
4.0
4.5
5.0
1.5
800
100
200
300
400
500
600
700
0.0
125
100
75
50
25
175
150
2887 G08
225
200
LTM2887-3, VCC = 3.3V
LTM2887-5, VCC = 5V
VOLTAGE
CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com