Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 33 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTM2887 Datasheet HTML 29Page - Linear Technology LTM2887 Datasheet HTML 30Page - Linear Technology LTM2887 Datasheet HTML 31Page - Linear Technology LTM2887 Datasheet HTML 32Page - Linear Technology LTM2887 Datasheet HTML 33Page - Linear Technology LTM2887 Datasheet HTML 34Page - Linear Technology LTM2887 Datasheet HTML 35Page - Linear Technology LTM2887 Datasheet HTML 36Page - Linear Technology LTM2887 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
LTM2887
33
2887fb
For more information www.linear.com/LTM2887
Figure 25. 12-Cell Battery Stack Monitor with Isolated SPI Interface and Low Power Shutdown
TYPICAL APPLICATIONS
ON
CS
I2
CS2
LTM2887-3S
VL
VCC
GND
SDI
SDI2
SCK
DO2
SCK2
AVCC2
IVCC2
IVL2
AVL2
VCC2
VL2
SDO
SDO2
DO1
I1
GND2
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
K8
L7
K7
K6
L8
L6
L1
K1
K2
SCKO
LTC6803-1
VMODE
CSI
CSO
SDO
SDI
SDOI
SCKI
V+
C12
42
44
43
41
40
S12
WDT
GPIO2
GPIO1
C11
S11
39
38
37
3
1
2
4
5
6
7
8
1µF
µC
CS
MISO
VCC
GND
3.3V
MOSI
SCK
S10
VREF
NC
TOS
C10
VREG
C9
S9
35
36
34
33
10
9
11
12
C8
NC
VTEMP2
VTEMP1
S8
C7
32
31
30
13
14
15
C6
S2
V–
S1
S7
C1
S6
C5
28
29
27
26
17
16
18
19
S5
C3
C2
S3
C4
S4
25
24
23
20
21
22
1µF
1µF
100k
100k
100k
100k
3.3k
3.3k
3.3k
3.3k
SDOE
2887 F25
74LVC3G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com