Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 38 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTM2887 Datasheet HTML 30Page - Linear Technology LTM2887 Datasheet HTML 31Page - Linear Technology LTM2887 Datasheet HTML 32Page - Linear Technology LTM2887 Datasheet HTML 33Page - Linear Technology LTM2887 Datasheet HTML 34Page - Linear Technology LTM2887 Datasheet HTML 35Page - Linear Technology LTM2887 Datasheet HTML 36Page - Linear Technology LTM2887 Datasheet HTML 37Page - Linear Technology LTM2887 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
LTM2887
38
2887fb
For more information www.linear.com/LTM2887
LINEAR TECHNOLOGY CORPORATION 2016
LT 0717 REV B • PRINTED IN USA
www.linear.com/LTM2887
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTM2881
Isolated RS485/RS422 µModule Transceiver with
Integrated DC/DC Converter
20Mbps 2500VRMS Isolation with Power in LGA/BGA Package
LTM2882
Dual Isolated RS232 µModule Transceiver with
Integrated DC/DC Converter
2500VRMS Isolation with Power in LGA/BGA Package
LTM2883
SPI/Digital or I2C µModule Isolator with Integrated
DC/DC Converter
2500VRMS Isolation with Adjustable ±12.5V and 5V Power in BGA Package
LTM2884
Isolated USB Transceiver with Power
2500VRMS Auto Speed Selection, 1 to 2.5W Isolated Power
LTM2886
SPI/Digital or I2C µModule Isolator with Integrated
DC/DC Converter
2500VRMS Isolation with Fixed ±5V and Adjustable 5V Power in BGA
Package
LTM2889
Isolated CAN FD µModule Transceiver with Power 4Mbps 2500VRMS Isolation with Power in BGA Package
LTM2892
SPI/Digital or I2C µModule Isolator
3500VRMS Isolation without Power in 9mm × 6.25mm BGA Package
LTC®1535
Isolated RS485 Transceiver
2500VRMS Isolation with External Transformer Drive
LTC4310
Hot-Swappable I2C Isolators
Bidirectional I2C Communication, Low Voltage Level Shifting, 100kHz or
400kHz Operation
LTC6803-1, LTC6803-3,
LTC6803-2, LTC6803-4
Multicell Battery Stack Monitor
LTC6803-1 Allows for Multiple Devices to be Daisy Chained, the LTC6803-2
Allows for Parallel Communication Battery Stack Topologies
Isolated Dual Channel Simultaneous Sampling Analog to Digital Converter, Input Range 0V to 2.5V
LTM2887-3S
1.15k
3.3V
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
K8
L7
K7
1µF
10µF
19.1k
K6
L8
L6
L1
K1
K2
SCK
MISO
µC
Ox
VCC
GND
ON
CS
I2
CS2
VL
VCC
GND
SDI
SDI2
SDOE
SCK
DO2
SCK2
AVCC2
IVCC2
IVL2
AVL2
VCC2
VL2
SDO
SDO2
DO1
I1
GND2
2887 TA02
VREF
LTC1407A
GND
CONV
CH0+
SCK
SDO
CH0–
VDD
CH1+
CH1–
CH0+
CH0–
CH1+
CH1–
8
10
9
7
6
3
1
2
4
5
10µF
6.04k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com