Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 34 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTM2887 Datasheet HTML 30Page - Linear Technology LTM2887 Datasheet HTML 31Page - Linear Technology LTM2887 Datasheet HTML 32Page - Linear Technology LTM2887 Datasheet HTML 33Page - Linear Technology LTM2887 Datasheet HTML 34Page - Linear Technology LTM2887 Datasheet HTML 35Page - Linear Technology LTM2887 Datasheet HTML 36Page - Linear Technology LTM2887 Datasheet HTML 37Page - Linear Technology LTM2887 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
LTM2887
34
2887fb
For more information www.linear.com/LTM2887
TYPICAL APPLICATIONS
LTM2887-3I
3.3V
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
K8
L7
K7
1µF
K6
L8
L6
L1
K1
K2
SCL
µC
SDA
VCC
GND
10k
10k
ON
DI1
DNC
O1
VL
VCC
GND
SDA
SDA2
GND
SCL
DNC
SCL2
AVCC2
IVCC2
IVL2
AVL2
VCC2
VL2
DO2
I2
DO1
I1
GND2
LTC4151
SHDN
ADIN
SDA
SCL
GND
ADR0
ADR1
48V
SENSE–
SENSE+
VIN
VOUT
1.37k
1%
0.02
100k AT 25°C, 1%
VISHAY 2381 6154.104
NADIN IS THE DIGITAL CODE MEASURED
BY THE ADC AT THE ADIN PIN
T(
°C) =
3950
8.965
+LN 1000
NADIN
−1
−273,−40°C < T < 150°C
2887 F26
Figure 26. Isolated I2C Voltage, Current and Temperature Power Supply Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com