Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 27 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTM2887 Datasheet HTML 23Page - Linear Technology LTM2887 Datasheet HTML 24Page - Linear Technology LTM2887 Datasheet HTML 25Page - Linear Technology LTM2887 Datasheet HTML 26Page - Linear Technology LTM2887 Datasheet HTML 27Page - Linear Technology LTM2887 Datasheet HTML 28Page - Linear Technology LTM2887 Datasheet HTML 29Page - Linear Technology LTM2887 Datasheet HTML 30Page - Linear Technology LTM2887 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
LTM2887
27
2887fb
For more information www.linear.com/LTM2887
2887 F17
LTM2887-5I
5V
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B3
L2
L5
L4
L3
K8
L7
K7
1µF
K6
L8
L6
L1
K1
K2
SCL
µC
SDA
VCC
GND
VREF
LTC2301, ADC
SDA
VDD
GND
AD0
AD1
REFC
GND
IN–
IN+
12
10
11
1
2
7
9
8
6
5
GND
SCL
3
4
REF
LTC2631A-HZ12, DAC
CA0
CA1
SCL
SDA
VOUT
GND
VCC
3
1
2
4
6
8
7
5
0.1µF
1.7k
1.7k
ON
DI1
DNC
O1
VL
VCC
GND
SDA
SDA2
GND
SCL
DNC
SCL2
AVCC2
IVCC2
IVL2
AVL2
VCC2
VL2
DO2
I2
DO1
I1
GND2
1µF
10µF
0.1µF
1µF
0.1µF
0V TO 4.096V IN
0V TO 4.096V OUT
Figure 17. Isolated I2C 12-Bit, 0V to 4.096V Analog Input and Output
TYPICAL APPLICATIONS
APPLICATIONS INFORMATION
Figure 16. LTM2887 Low EMI Demo Board Emissions
2887 F16
0 100 200 300 400 500 600 700
900
800
1000
Frequency (MHz)
CISPR 22 CLASS B LIMIT
DC1791A-B
DC1791A-A
DETECTOR=QUASIPEAK
RBW=120kHz
VBW=300kHz
SWEEP TIME=17s
# of POINTS=501
60
–20
10
0
–10
20
50
40
30
–30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com