Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 31 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTM2887 Datasheet HTML 27Page - Linear Technology LTM2887 Datasheet HTML 28Page - Linear Technology LTM2887 Datasheet HTML 29Page - Linear Technology LTM2887 Datasheet HTML 30Page - Linear Technology LTM2887 Datasheet HTML 31Page - Linear Technology LTM2887 Datasheet HTML 32Page - Linear Technology LTM2887 Datasheet HTML 33Page - Linear Technology LTM2887 Datasheet HTML 34Page - Linear Technology LTM2887 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
LTM2887
31
2887fb
For more information www.linear.com/LTM2887
TYPICAL APPLICATIONS
Figure 22. Quad 16-Bit 0 to 4.096V Output Range DAC
Figure 23. Parallel Output Supplies for Higher Current
2887 F22
LTM2887-3S
3.3V
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
K8
L7
K7
1µF
K6
L8
L6
L1
K1
K2
SCK
µC
MOSI
VCC
GND
VOUTC
LTC2654-H16
0V TO 4.096V OUTA
0V TO 4.096V OUTB
0V TO 4.096V OUTC
0V TO 4.096V OUTD
SDO
CS
VOUTA
SDI
SCK
VOUTB
CLR
VOUTD
REFLO
8
7
9
11
10
13
2
VCC
REFOUT
LDAC
REFC
4
14
1
15
6
5
3
GND
PORSEL
12
4
ON
CS
I2
CS2
VL
VCC
GND
SDI
SDI2
SDOE
SCK
DO2
SCK2
AVCC2
IVCC2
IVL2
AVL2
VCC2
VL2
SDO
CS
MISO
SDO2
DO1
I1
GND2
0.1µF
0.1µF
ON
CS
CS
I2
CS2
LTM2887-5S
VL
VCC
GND
SDI
SDI
SDI2
SCK
SCK
DO2
SCK2
AVCC2
IVCC2
IVL2
AVL2
VCC2
VL2
SDO
SDO
CS
SDI
5V@200mA
5V
SCK
SDO
SDO2
DO1
I1
GND2
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
K8
L7
K7
K6
L8
L6
L1
K1
K2
SDOE
2887 F23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com