Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 30 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTM2887 Datasheet HTML 26Page - Linear Technology LTM2887 Datasheet HTML 27Page - Linear Technology LTM2887 Datasheet HTML 28Page - Linear Technology LTM2887 Datasheet HTML 29Page - Linear Technology LTM2887 Datasheet HTML 30Page - Linear Technology LTM2887 Datasheet HTML 31Page - Linear Technology LTM2887 Datasheet HTML 32Page - Linear Technology LTM2887 Datasheet HTML 33Page - Linear Technology LTM2887 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
LTM2887
30
2887fb
For more information www.linear.com/LTM2887
2887 F21
ON
CS
I2
CS2
LTM2887-5S
VL
VCC
GND
SDI
SDI2
SDOE
SCK
5V
DO2
SCK2
AVCC2
IVCC2
IVL2
AVL2
VCC2
VL2
SDO
SDO2
DO1
I1
5V UV
5V ENABLE
3.3V UV
3.3V ENABLE
SWITCHED 3.3V
SWITCHED 5V
GND2
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
K8
L7
K7
K6
L8
L6
L1
K1
K2
V2
LTC2902
CRT
COMP3
COMP2
COMP1
V3
COMP4
V1
V4
VREF
3
1
2
4
5
14
16
15
13
12
VPG
RDIS
RST
T0
GND
T1
6
7
8
11
10
9
0.1µF
51.1k
10k
9.53k
93.1k
100k
27.4k
1.15k
1.15k
IRF7509
100k
IRF7509
6.04k
TYPICAL APPLICATIONS
Figure 21. Digitally Switched Dual Power Supply with Undervoltage Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com