Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM2887 Datasheet HTML 5Page - Linear Technology LTM2887 Datasheet HTML 6Page - Linear Technology LTM2887 Datasheet HTML 7Page - Linear Technology LTM2887 Datasheet HTML 8Page - Linear Technology LTM2887 Datasheet HTML 9Page - Linear Technology LTM2887 Datasheet HTML 10Page - Linear Technology LTM2887 Datasheet HTML 11Page - Linear Technology LTM2887 Datasheet HTML 12Page - Linear Technology LTM2887 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LTM2887
9
2887fb
For more information www.linear.com/LTM2887
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, LTM2887-3 VCC = 3.3V,
LTM2887-5 VCC = 5V, VL = 3.3V, GND = GND2 = 0V, ON = VL unless otherwise noted.
VCC2 or VL2 Transient Response
100mA Load Step
VCC2 or VL2 Ripple
200µs/DIV
2887 G09
0.2V/
DIV
50mA/
DIV
400ns/DIV
2887 G10
5mV/
DIV
LOAD = 100mA
LOAD = 1mA
VCC2 or VL2 Noise
10ms/DIV
2887 G11
2mV/
DIV
LOAD = 100mA
LOAD = 1mA
VCC Supply Current
vs Single Channel Data Rate
Logic Input Threshold
vs VL Supply Voltage
Logic Output Voltage
vs Load Current
DATA RATE (Hz)
1k
70
60
20
30
40
50
10
100k
10k
1M
2887 G12
100M
10M
LTM2887-5
CL = 1nF
CL = 330pF
CL = 100pF
CL = 20pF
VL SUPPLY VOLTAGE (V)
1
3.5
2.5
0.5
1.0
2.0
3.0
1.5
0
4
5
2
2887 G13
6
3
INPUT RISING
INPUT FALLING
|LOAD CURRENT| (mA)
0
6
1
2
3
4
5
0
2
1
3
2887 G14
10
9
8
7
6
5
4
VL = 5.5V
VL = 3.3V
VL = 1.62V
Power On Sequence
VCC2 and VL2 Efficiency with
Equal Load Current
2887 G15
1V/DIV
1ms/DIV
5V/DIV
ON
VCC2
or VL2
VL = 5V
LOAD CURRENT (mA)
0
70
20
10
30
40
50
60
0
1.4
0.8
0.4
0.6
0.2
1.0
1.2
0.0
75
50
25
100
2887 G16
125
LTM2887-3, VCC = 3.3V
LTM2887-5, VCC = 5V
POWER LOSS
EFFICIENCY
BASED ON THERMAL IMAGING
OF DEMO CIRCUIT 1791A
VCC2 and VL2 EQUALLY LOADED
LTM2887-3, VCC = 3.3V
LTM2887-5, VCC = 5V
TEMPERATURE (°C)
0
25
50
75
100
125
0
100
200
300
400
500
600
2887 G17
Derating for 125°C Maximum
Internal Operating Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com