Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 32 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTM2887 Datasheet HTML 28Page - Linear Technology LTM2887 Datasheet HTML 29Page - Linear Technology LTM2887 Datasheet HTML 30Page - Linear Technology LTM2887 Datasheet HTML 31Page - Linear Technology LTM2887 Datasheet HTML 32Page - Linear Technology LTM2887 Datasheet HTML 33Page - Linear Technology LTM2887 Datasheet HTML 34Page - Linear Technology LTM2887 Datasheet HTML 35Page - Linear Technology LTM2887 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LTM2887
32
2887fb
For more information www.linear.com/LTM2887
TYPICAL APPLICATIONS
Figure 24. –48V, 200W Hot Swap Controller with Isolated I2C Interface
2887 F24
LTM2887-5I
5V
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
L7
K8
1µF
K6
L8
L6
K7
L1
K1
K2
SCL
1x
Ox
µC
SDA
VCC
GND
10k
10k
ON
DI1
DNC
O1
IVL2
AVCC2
VL
VCC
GND
SDA
SDA2
GND
SCL
DNC
SCL2
IVCC2
AVL2
VCC2
VL2
DO2
I2
DO1
I1
GND2
VEE
VEE
VOUT
SDAI
LTC4261CGN
SS
UVL
FLTIN
UVH
ADIN2
SCL
OV
SDAO
ALERT
10
8
9
11
19
5
22
6
4
3
ON
TMR
20
ADR0
EN
PGI
ADR1
1
26
25
24
ADIN
PGI0
PG
PWRGD2
–48V RTN
–48V INPUT
IRF1310NS
PWRGD1
28
27
23
VEE
13
SENSE
14
GATE
15
INTVCC
7
VIN
21
DRAIN
16
RAMP
18
2
10nF
100V
0.1µF
47nF
100nF
220nF
1µF
0.1µF
330µF
100V
1k
16.9k
11.8k
453k
1k,
×4 IN SERIES
1/4W EACH
47nF
10
10k
402k
0.008
1%
1M
+
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com