Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM2887 Datasheet HTML 6Page - Linear Technology LTM2887 Datasheet HTML 7Page - Linear Technology LTM2887 Datasheet HTML 8Page - Linear Technology LTM2887 Datasheet HTML 9Page - Linear Technology LTM2887 Datasheet HTML 10Page - Linear Technology LTM2887 Datasheet HTML 11Page - Linear Technology LTM2887 Datasheet HTML 12Page - Linear Technology LTM2887 Datasheet HTML 13Page - Linear Technology LTM2887 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
LTM2887
10
2887fb
For more information www.linear.com/LTM2887
PIN FUNCTIONS
LTM2887-I Logic Side
DO2(A1):DigitalOutput,ReferencedtoVLandGND.Logic
output connected to I2 through isolation barrier. Under
the condition of an isolation communication failure this
output is in a high impedance state.
DNC (A2): Do Not Connect. Pin connected internally.
SCL (A3): Serial I2C Clock Input, Referenced to VL and
GND. Logic input connected to isolated side SCL2 pin
throughisolationbarrier.Clockisunidirectionalfromlogic
to isolated side. Do not float.
SDA (A4): Serial I2C Data Pin, Referenced to VL and GND.
Bidirectional logic pin connected to isolated side SDA2 pin
through isolation barrier. Under the condition of an isola-
tion communication failure this pin is in a high impedance
state. Do not float.
DI1 (A5): Digital Input, Referenced to VL and GND. Logic
input connected to O1 through isolation barrier. The logic
state on DI1 translates to the same logic state on O1. Do
not float.
GND (A6, B2 to B6): Circuit Ground.
ON (A7): Enable, Referenced to VL and GND. Enables
power and data communication through the isolation
barrier. If ON is high the part is enabled and power and
communications are functional to the isolated side. If ON
is low the logic side is held in reset, all digital outputs
are in a high impedance state, and the isolated side is
unpowered. Do not float.
VL (A8): Logic Supply. Interface supply voltage for pins
DI1, SCL, SDA, DO1, DO2, and ON. Operating voltage is
1.62V to 5.5V. Internally bypassed with 1µF.
DO1(B1):DigitalOutput,ReferencedtoVLandGND.Logic
output connected to I1 through isolation barrier. Under
the condition of an isolation communication failure this
output is in a high impedance state.
VCC (B7 to B8): Supply Voltage. Operating voltage is 3V
to 3.6V for LTM2887-3 and 4.5V to 5.5V for LTM2887-5.
Internally bypassed with 2.2µF.
LTM2887-I Isolated Side
I2 (L1): Digital Input, Referenced to VL2 and GND2. Logic
inputconnectedtoDO2throughisolationbarrier.Thelogic
state on I2 translates to the same logic state on DO2. Do
not float.
DNC (L2): Do Not Connect. Pin connected internally.
SCL2 (L3): Serial I2C Clock Output, Referenced to VL2 and
GND2.LogicoutputconnectedtologicsideSCLpinthrough
isolationbarrier.Clockisunidirectionalfromlogictoisolated
side. SCL2 has a push-pull output stage, do not connect an
external pull-up device. Under the condition of an isolation
communication failure this output defaults to a high state.
SDA2 (L4): Serial I2C Data Pin, Referenced to VL2 and
GND2. Bidirectional logic pin connected to logic side SDA
pin through isolation barrier. Output is biased high by a
1.8mA current source. Do not connect an external pull-
up device to SDA2. Under the condition of an isolation
communication failure this output defaults to a high state.
O1 (L5): Digital Output, Referenced to VL2 and GND2.
Logic output connected to DI1 through isolation barrier.
Under the condition of an isolation communication failure
O1 defaults to a high state.
VL2 (L6): 3V to 5.5V Adjustable Isolated Supply Voltage.
Internally generated from VCC by an isolated DC/DC con-
verter and regulated to 5V with no external components.
Internally bypassed with 4.7µF.
IVCC2 (L7): VCC2 precision current limit adjust pin. Current
limit threshold is set by connecting a resistor between
IVCC2 and GND2. For detailed information on how to set
the current limit resistor value, see the Application Infor-
mation section. If not used, tie IVCC2 to GND2. Internally
bypassed with 10nF.
VCC2 (L8): 0.6V to 5.5V Adjustable Isolated Supply Volt-
age. Internally generated from VCC by an isolated DC/DC
converterandregulatedto5Vwithnoexternalcomponents.
Internally bypassed with 4.7µF.
I1 (K1): Digital Input, Referenced to VL2 and GND2. Logic
inputconnectedtoDO1throughisolationbarrier.Thelogic
state on I1 translates to the same logic state on DO1. Do
not float.
GND2 (K2 to K5): Isolated Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com