Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 29 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTM2887 Datasheet HTML 25Page - Linear Technology LTM2887 Datasheet HTML 26Page - Linear Technology LTM2887 Datasheet HTML 27Page - Linear Technology LTM2887 Datasheet HTML 28Page - Linear Technology LTM2887 Datasheet HTML 29Page - Linear Technology LTM2887 Datasheet HTML 30Page - Linear Technology LTM2887 Datasheet HTML 31Page - Linear Technology LTM2887 Datasheet HTML 32Page - Linear Technology LTM2887 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
LTM2887
29
2887fb
For more information www.linear.com/LTM2887
TYPICAL APPLICATIONS
Figure 20. 16-Channel Isolated Temperature to Frequency Converter
5V
1µF
Ox
µC
Oz
Oy
Iy
Ix
VCC
GND
2887 F20
ON
CS
I2
CS2
LTM2887-5S
VL
VCC
GND
SDI
SDI2
SDOE
SCK
DO2
SCK2
AVCC2
IVCC2
IVL2
AVL2
VCC2
VL2
SDO
SDO2
DO1
I1
GND2
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
K8
L7
K7
K6
L8
L6
L1
K1
K2
1M
1M
X2
DG4051A
NTC THERMISTORS, MURATA NTSD1WD104, 100k
C
VCC
X0
X
A
X1
B
X3
X4
11
16
3
10
9
15
13
–t°
14
12
1
X5
GND
ENABLE
VEE
X6
X7
6
7
8
5
2
4
SET
LTC1799
OUT
V+
DIV
GND
4
5
3
1
2
3.01k
SET
LTC1799
TEMPERATURE (°C) FREQUENCY (kHz)
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
120
1.23
1.46
1.87
2.58
3.77
5.67
8.64
13.09
19.53
28.47
40.65
55.87
74.45
96.08
119.83
144.73
169.36
OUT
V+
DIV
GND
4
5
3
1
2
3.01k
–t°
–t°
–t°
–t°
–t°
–t°
–t°
X2
DG4051A
C
VCC
X0
X
A
X1
B
X3
X4
11
16
3
10
9
15
13
–t°
14
12
1
X5
GND
ENABLE
VEE
X6
X7
6
7
8
5
2
4
–t°
–t°
–t°
–t°
–t°
–t°
–t°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com