Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM2887 Datasheet HTML 8Page - Linear Technology LTM2887 Datasheet HTML 9Page - Linear Technology LTM2887 Datasheet HTML 10Page - Linear Technology LTM2887 Datasheet HTML 11Page - Linear Technology LTM2887 Datasheet HTML 12Page - Linear Technology LTM2887 Datasheet HTML 13Page - Linear Technology LTM2887 Datasheet HTML 14Page - Linear Technology LTM2887 Datasheet HTML 15Page - Linear Technology LTM2887 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
LTM2887
12
2887fb
For more information www.linear.com/LTM2887
PIN FUNCTIONS
LTM2887-S Isolated Side
IVCC2(L7): VCC2 precision current limit adjust pin. Current
limit threshold is set by connecting a resistor between
IVCC2 and GND2. For detailed information on how to set
the current limit resistor value, please see the Applica-
tion Information section. If not used, tie IVCC2 to GND2.
Internally bypassed with 10nF.
VCC2 (L8): 0.6V to 5.5V Adjustable Isolated Supply Volt-
age. Internally generated from VCC by an isolated DC/DC
converterandregulatedto5Vwithnoexternalcomponents.
Internally bypassed with 4.7µF.
I1 (K1): Digital Input, Referenced to VL2 and GND2. Logic
inputconnectedtoDO1throughisolationbarrier.Thelogic
state on I1 translates to the same logic state on DO1. Do
not float.
GND2 (K2 to K5): Isolated Ground.
AVL2 (K6): 5V Nominal Isolated Supply Voltage Adjust.
The adjust pin voltage is 600mV Referenced to GND2. See
Applications Information section for details..
IVL2 (K7): VL2 precision current limit adjust pin. Current
limit threshold is set by connecting a resistor between
IVL2 and GND2. For detailed information on how to set
the current limit resistor value, please see the Applica-
tion Information section. If not used, tie IVL2 to GND2.
Internally bypassed with 10nF.
AVCC2 (K8): 5V Nominal Isolated Supply Voltage Adjust.
The adjust pin voltage is 600mV Referenced to GND2. See
Applications Information section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com