Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM2887 Datasheet HTML 12Page - Linear Technology LTM2887 Datasheet HTML 13Page - Linear Technology LTM2887 Datasheet HTML 14Page - Linear Technology LTM2887 Datasheet HTML 15Page - Linear Technology LTM2887 Datasheet HTML 16Page - Linear Technology LTM2887 Datasheet HTML 17Page - Linear Technology LTM2887 Datasheet HTML 18Page - Linear Technology LTM2887 Datasheet HTML 19Page - Linear Technology LTM2887 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LTM2887
16
2887fb
For more information www.linear.com/LTM2887
APPLICATIONS INFORMATION
Overview
The LTM2887 digital µModule isolator provides a
galvanically-isolated robust logic interface, powered by
an integrated, regulated DC/DC converter, complete with
decoupling capacitors. The LTM2887 is ideal for use in
networks where grounds can take on different voltages.
Isolation in the LTM2887 blocks high voltage differences,
eliminates ground loops and is extremely tolerant of com-
mon mode transients between ground planes. Error-free
operation is maintained through common mode events
greater than 30kV/μs providing excellent noise isolation.
Isolator µModule Technology
The LTM2887 utilizes isolator µModule technology to
translate signals and power across an isolation barrier.
Signalsoneithersideofthebarrierareencodedintopulses
and translated across the isolation boundary using core-
less transformers formed in the µModule substrate. This
system, complete with data refresh, error checking, safe
shutdown on fail, and extremely high common mode im-
munity, provides a robust solution for bidirectional signal
isolation. The µModule technology provides the means to
combinetheisolatedsignalingwithmultipleregulatorsand
a powerful isolated DC/DC converter in one small package.
DC/DC Converter
The LTM2887 contains a fully integrated DC/DC converter,
including the transformer, so that no external components
are necessary. The logic side contains a full-bridge driver,
running at 1.6MHz, and is AC-coupled to a single trans-
former primary. A series DC blocking capacitor prevents
transformer saturation due to driver duty cycle imbalance.
The transformer scales the primary voltage, and is recti-
fied by a full-wave voltage doubler. This topology allows
for a single diode drop, as in a center tapped full-wave
bridge, and eliminates transformer saturation caused by
secondary imbalances.
Three low dropout regulators (LDOs) are connected to
the output of the voltage doubler. One LDO powers the
internal circuitry and is not available externally. The other
two LDOs provide regulated 5V nominally for the VCC2and
VL2 outputs. VL2 corresponds to the voltage levels on the
isolated logic pins.
The internal power solution is sufficient to provide a
minimum of 100mA of current from VCC2 and VL2. VCC
is bypassed with 2.2µF, VCC2 and VL2 are each bypassed
with 4.7µF.
VL Logic Supply
A separate logic supply pin VL allows the LTM2887 to in-
terface with any logic signal from 1.62V to 5.5V as shown
in Figure 4. Simply connect the desired logic supply to VL.
There is no interdependency between VCC and VL; they
may simultaneously operate at any voltage within their
specified operating ranges and sequence in any order. VL
is bypassed internally by a 1µF capacitor.
Hot-Plugging Safely
Caution must be exercised in applications where power is
plugged into the LTM2887’s power supplies, VCC or VL,
due to the integrated ceramic decoupling capacitors. The
parasitic cable inductance along with the high Q char-
acteristics of ceramic capacitors can cause substantial
ringing which could exceed the maximum voltage ratings
and damage the LTM2887. Refer to Linear Technology Ap-
plication Note 88, entitled Ceramic Input Capacitors Can
Cause Overvoltage Transients for a detailed discussion
and mitigation of this phenomenon.
2887 F04
ON
DI1
O1
LTM2887-I
ANY VOLTAGE FROM
1.62V TO 5.5V
3V TO 3.6V LTM2887-3
4.5V TO 5.5V LTM2887-5
EXTERNAL
DEVICE
VL
VCC
GND
GND2
SDA
SDA2
SCL
SCL2
VL2
AVL2
IVL2
AVCC2
IVCC2
VCC2
DO2
I2
DO1
I1
Figure 4. VCC and VL Are Independent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com