Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 25 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM2887 Datasheet HTML 21Page - Linear Technology LTM2887 Datasheet HTML 22Page - Linear Technology LTM2887 Datasheet HTML 23Page - Linear Technology LTM2887 Datasheet HTML 24Page - Linear Technology LTM2887 Datasheet HTML 25Page - Linear Technology LTM2887 Datasheet HTML 26Page - Linear Technology LTM2887 Datasheet HTML 27Page - Linear Technology LTM2887 Datasheet HTML 28Page - Linear Technology LTM2887 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
LTM2887
25
2887fb
For more information www.linear.com/LTM2887
APPLICATIONS INFORMATION
Figure 14. LTM2887 Low EMI Demo Board Layout
• In applications without an embedded PCB substrate
capacitance a slot may be added between the logic
side and isolated side device pins. The slot extends
the creepage path between terminals on the PCB side,
and may reduce leakage caused by PCB contamination.
The slot should be placed in the middle of the device
and extend beyond the package perimeter.
The PCB layout in Figures 14 and 15 shows the low EMI
demo board for the LTM2887. The demo board uses a
combination of EMI mitigation techniques, including both
embedded PCB bridge capacitance and discrete GND to
GND2 capacitors. Two safety rated type Y2 capacitors are
used in series, manufactured by MuRata, part number
GA342QR7GF471KW01L. The embedded capacitor ef-
fectively suppresses emissions above 400MHz, whereas
the discrete capacitors are more effective below 400MHz.
EMI performance is shown in Figure 16, measured using
a Gigahertz Transverse Electromagnetic (GTEM) cell and
method detailed in IEC 61000-4-20, Testing and Measure-
ment Techniques – Emission and Immunity Testing in
Transverse Electromagnetic Waveguides.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com