Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM2887 Datasheet HTML 13Page - Linear Technology LTM2887 Datasheet HTML 14Page - Linear Technology LTM2887 Datasheet HTML 15Page - Linear Technology LTM2887 Datasheet HTML 16Page - Linear Technology LTM2887 Datasheet HTML 17Page - Linear Technology LTM2887 Datasheet HTML 18Page - Linear Technology LTM2887 Datasheet HTML 19Page - Linear Technology LTM2887 Datasheet HTML 20Page - Linear Technology LTM2887 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
LTM2887
17
2887fb
For more information www.linear.com/LTM2887
APPLICATIONS INFORMATION
Figure 5. Adjustable Voltage Rails
Isolated Supply Adjustable Operation
Thetwoisolatedpowerrailsmaybeadjustedbyconnection
of external resistive dividers. The unadjusted output volt-
agesrepresentthemaximumsforguaranteedperformance.
Figure 5 illustrates configuration of the output power rails
for VCC2 = 3.3V, and VL2 = 2.5V.
The output adjustment range for VCC2 is 0.6V to 5.5V.
Output voltage is calculated by:
VCC2 = 0.6V(1 + R2/R1)
Adjustment range for VL2 is 3V to 5.5V for the LTM2887-I,
and 1.8V to 5.5V for the LTM2887-S. Output voltage is
calculated by:
VL2 = 0.6V(1 + R5/R4)
The value of R1 or R4 should be no greater than 6.04k to
minimize errors in the output voltage caused by the adjust
pin bias currents and internal voltage dividers.
Operation at low output voltages may result in thermal
shutdown due to low dropout regulator power dissipation.
Isolated Supply Programmable Current Limit
The IVCC2 pin and IVL2 pin allow programming of the
maximum current available from VCC2 and VL2 respec-
tively. The current adjustments may be used to limit the
maximum output power, insuring that either voltage rail
does not collapse if the opposing rail is loaded beyond
its capability. The current limit threshold (ILIMIT) is set by
attaching a resistor (RIMAX) from IVCC2 or IVL2 to GND2:
RIMAX = [119.22-(0.894 • (VCC2, VL2))]/ILIMIT
The accuracy of this equation for setting the resistor value
is approximately ±1%. Unit values are amps, volts, and
ohms. Figure 5 shows the current limit programmed for
75mA on VCC2 and 25mA on VL2. If the external program-
mable current limit is not needed, the IVCC2 pin or IVL2
must be connected to GND2. The current limit pins are
internally decoupled with 10nF capacitors.
Channel Timing Uncertainty
Multiplechannelsaresupportedacrosstheisolationbound-
ary by encoding and decoding of the inputs and outputs.
Up to three signals in each direction are assembled as a
packet and transferred across the isolation barrier. The
time required to transfer all 3 bits is 100ns maximum,
and sets the limit for how often a signal can change on
the opposite side of the barrier. Encoding transmission is
independent for each data direction. The technique used
assigns SCK or SCL on the logic side, and SDO2 or I2 on
the isolated side, the highest priority such that there is
2887 F05
CS
CS2
LTM2887-5S
VL
VCC
5V
GND
GND2
SDI
SDI2
DO2
SCK
SCK2
VL2
AVL2
IVL2
AVCC2
IVCC2
VCC2
SDO
SDO2
I2
DO1
I1
3.3V AT 75mA
2.5V AT 25mA
R6
4.64k
R5
19.1k
R3
1.54k
R1
6.04k
R2
27.4k
R4
6.04k
ON
SDOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com