Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 4 Page - Linear Technology

  LTM2887 Datasheet HTML 1Page - Linear Technology LTM2887 Datasheet HTML 2Page - Linear Technology LTM2887 Datasheet HTML 3Page - Linear Technology LTM2887 Datasheet HTML 4Page - Linear Technology LTM2887 Datasheet HTML 5Page - Linear Technology LTM2887 Datasheet HTML 6Page - Linear Technology LTM2887 Datasheet HTML 7Page - Linear Technology LTM2887 Datasheet HTML 8Page - Linear Technology LTM2887 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LTM2887
4
2887fb
For more information www.linear.com/LTM2887
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C. LTM2887-3 VCC = 3.3V, LTM2887-5 VCC = 5V, VL = 3.3V, and GND =
GND2 = 0V, ON = VL unless otherwise noted. Specifications apply to all options unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supplies
VCC
Input Supply Range
LTM2887-3
LTM2887-5
l
l
3
4.5
3.3
5
3.6
5.5
V
V
VL
Logic Supply Range
LTM2887-S
LTM2887-I
l
l
1.62
3
5
5.5
5.5
V
V
ICC
Input Supply Current
ON = 0V
LTM2887-3, ON = VL, No Load
LTM2887-5, ON = VL, No Load
l
l
l
0
25
19
10
30
25
µA
mA
mA
IL
Logic Supply Current
ON = 0V
LTM2887-S, ON = VL
LTM2887-I, ON = VL
l
0
10
10
150
µA
µA
µA
Output Supplies
VCC2
Regulated Output Voltage
No Load, AVCC2 Open
l
4.75
5
5.25
V
Output Voltage Operating Range
(Note 2)
0.6
5.5
V
Line Regulation
ILOAD = 1mA, MIN ≤ VCC ≤ MAX
l
1
6
mV
Load Regulation
ILOAD = 1mA to 100mA
l
45
150
mV
ADJ Pin Voltage
ILOAD = 1mA to 100mA
l
540
580
620
mV
Voltage Ripple
ILOAD = 100mA (Note 2)
1
mVRMS
Efficiency
LTM2887-5, ILOAD = 100mA (Note 2)
62
%
ICC2
Output Short Circuit Current
VCC2 = 0V, IVCC2 = 0V
200
mA
Internal Current Limit
ΔVCC2 = –5%, IVCC2 = 0V
l
100
mA
External Programmed Current
Limit
VCC2 = 5V, R(IVCC2 to GND2) = 2.26k
VCC2 = 5V, R(IVCC2 to GND2) = 1.5k
VCC2 = 5V, R(IVCC2 to GND2) = 1.15k
l
l
l
49
71
91
53
79
103
57
87
115
mA
mA
mA
VL2
Regulated Output Voltage
No Load, AVL2 Open
l
4.75
5
5.25
V
Output Voltage Operating Range
LTM2887-I (Note 2)
LTM2887-S (Note 2)
3
1.8
5.5
5.5
V
V
Line Regulation
ILOAD = 1mA, MIN ≤ VCC ≤ MAX
l
0.25
3
mV
Load Regulation
ILOAD = 1mA to 100mA
l
25
100
mV
ADJ Pin Voltage
ILOAD = 1mA to 100mA
l
540
580
620
mV
Voltage Ripple
ILOAD = 100mA (Note 2)
1
mVRMS
Efficiency
LTM2887-5, ILOAD = 100mA (Note 2)
62
%
IL2
Output Short Circuit Current
VL2 = 0V, IVL2 = 0V
200
mA
Current Limit
ΔVL2 = –5%, IVL2 = 0V
l
100
mA
External Programmed Current
Limit
VL2 = 5V, R(IVL2 to GND2) = 2.26k
VL2 = 5V, R(IVL2 to GND2) = 1.5k
VL2 = 5V, R(IVL2 to GND2) = 1.15k
l
l
l
49
71
91
53
79
103
57
87
115
mA
mA
mA
Logic/SPI
VITH
Input Threshold Voltage
ON, DI1, SDOE, SCK, SDI, CS 1.62V ≤ VL < 2.35V
ON, DI1, SDOE, SCK, SDI, CS 2.35V ≤ VL
I1, I2, SDO2
l
l
l
0.25 • VL
0.33 • VL
0.33 • VL2
0.75 • VL
0.67 • VL
0.67 • VL2
V
V
V
IINL
Input Current
l
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com