Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 1 Page - Linear Technology

  LTM2887 Datasheet HTML 1Page - Linear Technology LTM2887 Datasheet HTML 2Page - Linear Technology LTM2887 Datasheet HTML 3Page - Linear Technology LTM2887 Datasheet HTML 4Page - Linear Technology LTM2887 Datasheet HTML 5Page - Linear Technology LTM2887 Datasheet HTML 6Page - Linear Technology LTM2887 Datasheet HTML 7Page - Linear Technology LTM2887 Datasheet HTML 8Page - Linear Technology LTM2887 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LTM2887
1
2887fb
For more information www.linear.com/LTM2887
TYPICAL APPLICATION
FEATURES
DESCRIPTION
SPI/Digital or I2C µModule
Isolator with Dual Adjustable
5V Regulators
The LTM®2887 is a complete galvanic digital µModule®
(micromodule) isolator. No external components are
required. A single 3.3V or 5V supply powers both sides
of the interface through an integrated, isolated DC/DC
converter. A logic supply pin allows easy interfacing with
different logic levels from 1.62V to 5.5V, independent of
the main supply.
Available options are compliant with SPI and I2C (master
mode only) specifications.
The isolated side includes two 5V nominal power supplies,
including programmable current limit, each capable of
providing more than 100mA of load current. The supplies
may be adjusted from their nominal value using a single
external resistor.
Coupled inductors and an isolation power transformer
provide 2500VRMS of isolation between the input and out-
put logic interface. This device is ideal for systems where
the ground loop is broken, allowing for a large common
mode voltage range. Communication is uninterrupted for
common mode transients greater than 30kV/μs.
L
, LT, LTC, LTM, Linear Technology, the Linear logo and µModule are registered trademarks of
Analog Devices, Inc. All other trademarks are the property of their respective owners.
Isolated 4MHz SPI Interface
APPLICATIONS
n
6-Channel Logic Isolator: 2500VRMS for 1 Minute
n
UL-CSA Recognized
File #E151738
n
Isolated DC Power:
n
1.8V to 5V Logic Supply at Up to 100mA
n
0.6V to 5V Auxiliary Supply at Up to 100mA
n
No External Components Required
n
SPI/Digital (LTM2887-S) or I2C (LTM2887-I) Options
n
High Common Mode Transient Immunity: 30kV/μs
n
High Speed Operation:
n
10MHz Digital Isolation
n
4MHz/8MHz SPI Isolation
n
400kHz I2C Isolation
n
3.3V (LTM2887-3) or 5V (LTM2887-5) Operation
n
1.62V to 5.5V Logic Supply
n
±10kV ESD HBM Across the Isolation Barrier
n
Maximum Continuous Working Voltage: 560VPEAK
n
Low Current Shutdown Mode (<10µA)
n
Low Profile 15mm × 11.25mm × 3.42mm BGA Package
n
Isolated SPI or I2C Interfaces
n
Industrial Systems
n
Test and Measurement Equipment
n
Breaking Ground Loops
LTM2887 Operating Through 50kV/µs CM Transients
2887 TA01a
ON
CS
CS2
LTM2887-5S
VL
VCC
5V
GND
GND2
SDI
SDOE
SDI2
DO2
SCK
SCK2
CS
SDI
SCK
CS
SDI
SCK
VL2
AVL2
IVL2
AVCC2
IVCC2
VCC2
SDO
SDO2
SDO
SDO
I2
DO1
I1
5V AT 100mA
3.3V AT 100mA
1.15k
27.4k
1.15k
6.04k
20ns/DIV
5V/DIV
200V/DIV
SCK
SD0
SCK2 = SD02
2887 TA01b
REPETITIVE
COMMON MODE
TRANSIENTS
GND2 TO GND


Similar Part No. - LTM2887

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM2887 AD-LTM2887 Datasheet
1Mb / 30P
7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
LTM2887 AD-LTM2887 Datasheet
242Kb / 26P
I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
More results

Similar Description - LTM2887

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX603 MAXIM-MAX603 Datasheet
134Kb / 12P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
Rev 0; 9/94
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
Dual Digital Isolator
logo
Maxim Integrated Produc...
MAX882 MAXIM-MAX882_08 Datasheet
361Kb / 17P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
logo
Linear Technology
LTM2883 LINER-LTM2883 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883_1211 LINER-LTM2883_1211 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883 LINER-LTM2883_15 Datasheet
869Kb / 36P
SPI/Digital or I2C Module Isolator with Adjustable 12.5V and 5V Regulated Power
LTM2892 LINER-LTM2892_15 Datasheet
649Kb / 36P
SPI/Digital or I2C Module Isolator
LTM2886 LINER-LTM2886 Datasheet
999Kb / 38P
SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
LTM2892 LINER-LTM2892 Datasheet
655Kb / 38P
SPI/Digital or I2C 關Module Isolator
logo
Analog Devices
LTM2810 AD-LTM2810 Datasheet
1Mb / 30P
7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com