Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 13Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 14Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 15Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 16Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 17Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 18Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 19Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 20Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
Data Sheet Revision 1.1
Page 17
OXCB950
OXFORD SEMICONDUCTOR LTD.
Bits
Description
Read/Write
Reset
EEPROM
PCI
23
Enable Cardbus Status Registers
When set (1), all interrupt sources and power management events are
controlled by the INTR, GWAKE/WKUP fields of the cardbus status
registers.
This bit has meaning only for cardbus applications
W
R/W
0
24
EEPROM Clock. For reads or writes to the external EEPROM , toggle
this bit to generate an EEPROM clock (EE_CK pin).
-
RW
0
25
EEPROM Chip Select. When 1 the EEPROM chip-select pin EE_CS is
activated (high). When 0 EE_CS is de-active (low).
-
RW
0
26
EEPROM Data Out. For writes to the EEPROM, this output bit feeds the
input-data of the external EEPROM. This bit is output on the devices
EE_DO and clocked into the EEPROM by EE_CK.
-
RW
0
27
EEPROM Data In. For reads from the EEPROM, this input bit is the
output-data (D0) of the external EEPROM connected to EE_DI pin.
-
R
1
28
EEPROM Valid.
A 1 indicates that a valid EEPROM program header is present
-
R
X
29
Reload configuration from EEPROM.
Writing a 1 to this bit re-loads the configuration from EEPROM. This bit is
self-clearing after an EEPROM read
-
RW
0
30
Reserved
-
R
0
31
Reserved
-
R
0
6.4.2
Multi-purpose I/O Configuration register ‘MIC’ (Offset 0x04)
This register configures the operation of the multi-purpose I/O pins ‘MIO[1:0]’ as follows.
Bits
Description
Read/Write
Reset
EEPROM
PCI
1:0
MIO0 Configuration Register
00 -> MIO0 is a non-inverting input pin
01 -> MIO0 is an inverting input pin
10 -> MIO0 is an output pin driving ‘0’
11 -> MIO0 is an output pin driving ‘1’
W
RW
00
3:2
MIO1 Configuration Register
00 -> MIO1 is a non-inverting input pin
01 -> MIO1 is an inverting input pin
10 -> MIO1 is an output pin driving ‘0’
11 -> MIO1 is an output pin driving ‘1’
W
RW
00
4
MIO0 Power Management Event Enable.
A value of ‘1’ enables the MIO0 pin to set the PME_Status bit in the PCI
PMCSR register, and hence assert the PME# (pci) or CSYSCHG
(cardbus) pin if this option has been enabled.
A value of ‘0’ prevents MIO0 from setting the PCI PME_Status bit.
W
RW
0
5
MIO1 Power Management Event Enable.
A value of ‘1’ enables the MIO1 pin to set the PME_Status bit in the PCI
PMCSR register, and hence assert the PME# (pci) or CSYSCHG
(cardbus) pin if this option has been enabled.
A value of ‘0’ prevents MIO1 from setting the PCI PME_Status bit.
W
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com