Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 5Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 6Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 7Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 8Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 9Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 10Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 11Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 12Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
Data Sheet Revision 1.1
Page 9
OXCB950
OXFORD SEMICONDUCTOR LTD.
Multi-purpose & External
interrupt pins
Dir1
Name
Description
26
27
T_I/O
T_I/O
MIO[0]
MIO[1]
Multi-purpose I/O pins.
Can be driven high or low, or be used to invoke
cardbus/PCI interrupts, and powerdown, wakeup requests.
EEPROM pins
28
O
EE_CK
EEPROM clock
29
O
EE_CS
EEPROM active-high Chip Select
31
IU
EE_DI
EEPROM data in (to be connected to the EEPROM DO
pin).
When the optional serial EEPROM is connected, this pin
should be pulled up using an external 1-10k resistor. When
the EEPROM is not used, this external pull-up is not
required (internal pull-up is sufficient).
30
O
EE_DO
EEPROM data out. (to be connected to the EEPROM DI
pin)
Miscellaneous pins
34
ID
TEST0
Test Pin 0. Should be held low at all times.
33
ID
TEST1
Test Pin 1. Should be held low at all times
Power and ground2
89, 14, 63
V
VDD3I_CB
Supplies power to the pre-drive area of the dual mode
cardbus/pci IO buffers.
56, 71, 81, 91, 7, 21
V
VDD3OP_CB
Supplies power to the output drive of the dual mode
cardbus/pci IO buffers.
38, 39
V
VDDIP
Supplies power to the core-logic and pre-drive area of the
standard IO buffers.
41,
V
VDDO
Suppiles power to the output drive of standard IO buffers.
62, 87, 13
G
VSSI_CB
Supplies ground to the pre-drive area of the dual mode
cardbus/pci IO buffers.
55, 64,65,70, 76, 82, 90, 92, 97,
2, 6, 12, 20,
G
VSSOP_CB
Supplies ground to the output drive of the dual mode
cardbus/pci IO buffers.
35
G
VSSIP
Supplies gnd to the core-logic and pre-drive area of the
standard IO buffers.
40, 50
G
VSSO
Supplies gnd to the output drive of standard IO buffers.
Table: Pin Descriptions
Note 1: Direction key:
I
3.3v Input, TTL compatible
ID
3.3v Input with pull-down, TTL compatible
IU
3.3v Input with pull-up, TTL compatible
O
3.3v Output, TTL compatible
T_O
5.0v tolerant TTL output
T_I
5.0v tolerant TTL input
T_I/O
5.0v tolerant TTL Bi-directional
C/P_I
Cardbus/PCI compatible input
C/P_O Cardbus/PCI compatible output
C/P_I/O Cardbus/PCI compatible bi-directional
C/P_OD Cardbus/PCI compatible open drain
G
Ground
V
3.3V power
Note 2: Power & Ground
There are several types of VDD and VSS in this design, providing not only power for the internal (core) and I/O pad area but also
special power lines to the dual mode cardbus/pci I/O buffers. These power rails are not connected internally.
This precaution reduces the effects of simultaneous switching outputs and undesirable RF radiation from the chip. Further
precaution is taken by segmenting the GND and VDD rails to isolate the PCI and UART pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com