Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 10Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 11Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 12Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 13Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 14Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 15Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 16Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 17Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
Data Sheet Revision 1.1
Page 14
OXCB950
OXFORD SEMICONDUCTOR LTD.
Reset value
Program read/write
Register name
Cardbus Mode
PCI Mode
EEPROM
PCI
Vendor ID
0x1415 1
W
R
Device ID
0x950B 1
W
R
Command
0x0000
-
R/W
Status
0x0290
W(bit 4)
R/W
Revision ID
0x00 1
-
R
Class code
0x070006 1
W
R
Header type
0x00
-
R
BAR 0
0x00000001
-
R/W
BAR 1
0x00000000
-
R/W
BAR 2
0x00000001
-
R/W
BAR 3
0x00000000
-
R/W
BAR 4
0x00000000
-
R/W
Cardbus CIS Pointer
0x00000048 (relocate3 = 0)
or
0x00000080 (relocate3 = 1)
0x00000000
(no CIS)
W
R
Subsystem VID
0x1415 2
W
R
Subsystem ID
0x0001 2
W
R
Cap ptr.
0x40
-
R
Interrupt line
0x00 1
-
R/W
Interrupt pin
0x01
W
R
Cap ID
0x01
-
R
Next ptr.
0x00
-
R
PM capabilities
0x6C01
W
R
PMC control/ status
register
0x0000
-
R/W
Table 3: Cardbus/PCI configuration space default values
1
For cardbus applications, the PC Card Standard 7.x defines these fields as “Allocated”. However, for cardbus support in
Windows, these fields need to be defined to fully support the PCI configuration Space.
2
For cardbus applications, the PC Card Standard 7.x defines these fields as “Reserved”. However, for cardbus support in
Windows, these fields need to be defined to fully support the PCI configuration Space.
3
Relocate is a bit in the local configuration registers that can locate the start of the cardbus information structure at DWORD18
or DWORD 32 in the PCI configuration region. This bit is writable only via the optional EEPROM. The default state is 0, so the
CIS is available at DWORD18 in the PCI configuration region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com