Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 59Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 60Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 61Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 62Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 63Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 64Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 65Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 66Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
Data Sheet Revision 1.0 PRELIMINARY
Page 63
OXCB950
OXFORD SEMICONDUCTOR LTD.
12 POWER CONSUMPTION MEASUREMENTS
The following values are actual current measurements for the oxcb950 device using prototype test boards. These values are to
be treated as indicators and do not necessarily represent actual figures or incur statistical spreads associated with production
parts.
12.1 Static current consumption
•
DC current with the PCI clock and XTLI pins grounded
100uA
•
Current drawn with the XTL1 Pin grounded but with the PCI interface clock running.
7.8mA
12.2 Current consumption in application
•
Current when no accesses have been made to the UART and the UART
automatically enters its sleep state.
4.5mA
•
Current when the UART is in full operation, transmitting and receiving via internal
loopback at maximum data rate (DLLDLM=1).
14mA
•
Current when the UART divisor latch has been set to maximum divide and the UART
is in full speed operation.
12mA
•
Current when the (UART) power management state is configured to power states D2
3.2mA
•
Current when the (UART) power management state is configured to power states D3
3.2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com