Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 56Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 57Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 58Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 59Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 60Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 61Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 62Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 63Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
Data Sheet Revision 1.0 PRELIMINARY
Page 60
OXCB950
OXFORD SEMICONDUCTOR LTD.
10 OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Units
VDD
DC supply voltage
-0.3
3.8
V
VIN
DC input voltage (3.3v IO)
-0.3
VDD + 0.3
V
VIN
DC input voltage (5v Tolerant)
-0.3
5.5
V
IIN
DC input current
+/- 10
mA
TSTG
Storage temperature
-40
125
°C
Table 29: Absolute maximum ratings
Symbol
Parameter
Min
Max
Units
VDD
DC supply voltage
3.0
3.6
V
Ta
Commercial Temperature Range
0
70
°C
Table 30: Recommended operating conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com