Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 51Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 52Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 53Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 54Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 55Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 56Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 57Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 58Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
Data Sheet Revision 1.1
Page 55
OXCB950
OXFORD SEMICONDUCTOR LTD.
8.1.6
Zone5: Function Access
Zone 5 allows the UART to be pre-configured, prior to any
cardbus/PCI accesses. This is very useful when the UART
needs to run with (typically generic) device drivers and
these drivers are not capable of utilising the enhanced
features/modes of the UART (eg 950 mode) that are
required for high performance. By using function access,
the UART registers can be accessed (setup) via the
eeprom to customize the UART features before control is
handed to the device drivers.
Each 8-bit (function) access is equivalent to accessing the
UART function through I/O BAR 0, with the exception that a
function read access does not return any data (it is
discarded). The UART function behaves as though these
function accesses via the eeprom were corresponding
cardbus/pci accesses.
Each entry for zone 5 comprises 2 16 bit words. The format
is as shown in Table 14.
1st WORD of FUNCTION ACCESS PAIR
Word
Bits
Description
15
‘1’ - another WORD to follow
14:12
BAR number to access
000 for BAR 0 (UART IO BAR)
Others values are reserved
11
‘0’ : Read access required(data will be discarded)
‘1’ : Write access required
10:8
Reserved – write 0’s
7:0
I/O address to access
This is the address that needs to be written/read and is
the offset address from the specified BAR. E.g to access
SPR register of UART, address is 00000111 (7dec).
2nd WORD of FUNCTION ACCESS PAIR
Word
Bits
Description
15
‘1’ – another function access WORD pair to follow.
‘0’ – no more function access word pairs. End EEPROM
program.
14:8
Reserved – write 0’s
7:0
Data to be written to specified address.
Field is unused for function access READS (set to 0’s for
reads)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com