Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 55Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 56Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 57Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 58Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 59Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 60Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 61Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 62Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
Data Sheet Revision 1.0 PRELIMINARY
Page 59
OXCB950
OXFORD SEMICONDUCTOR LTD.
Now that the target has signalled that the clock is to be
maintained, the target's drive on the CCLKRUN# line must
be maintained for 2 clocks during which the host will begin
to drive the line also. Since the CCLKRUN# is also the data
to the 2-bit shift register then, when the CCLKRUN# is
driven by the control circuitry, it will take 2 clock cycles for
the new clock run status to propagate through the logic to
turn off the transistor. During this period, the host will have
detected the assertion of the CCLKRUN# by the target and
will also begin to assert the CLKRUN# line, so that when
the clock control's transistor is turned off, the CCLKRUN#
will be held in the asserted state by the host thereby
keeping the transistor off. The transistor will remain off until
the host next attempts to negate the CCLKRUN# line to
indicate a clock stop and is prevented from doing so by the
clock control logic.
For the condition when the device driver needs to place the
oxcb950 into a low powerstate, and the clock control logic
is not required, then the device driver will assign the MIO0
pin to a logic 0 that disables the clock control circuitry and
forces the clockrun transistor to the off state. For this
condition, when the host negates the CCLKRUN# line it
does not see the CCLKRUN# being asserted by the target
(as the circuitry has been disabled) and the clock is
stopped by the host after the relevant number of clocks
from the negation.
Since the UART functionality within the oxcb950 device is
not dependant upon the CCLK line for interrupt generation,
then any activity within the UART that results in an interrupt
will be conveyed to the cardbus interface asynchronously.
This will result in the CCLKRUN# being asserted by the
host (and thus enabling the clock CCLK) and control will be
handed to the device driver that will re-enable the clock
control circuitry to prevent the clock from stopping until all
tasks have been completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com