Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 2Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 3Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 4Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 5Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 6Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 7Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 8Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 9Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
Data Sheet Revision 1.1
Page 6
OXCB950
OXFORD SEMICONDUCTOR LTD.
3 PIN INFORMATION
100 pin TQFP (14mm x 14mm)
AD20
| AD21
| | AD22
| | | Z_SERR
| | | | VDD3OP_CB
| | | | | VSS0P_CB
| | | | | | AD23
| | | | | | | IDSEL
| | | | | | | | Z_CBE3
| | | | | | | | | AD24
| | | | | | | | | | VSS0P_CB
| | | | | | | | | | | VSSOP_CB
| | | | | | | | | | | | VDD3I_CB
| | | | | | | | | | | | | VSSI_CB
| | | | | | | | | | | | | | AD25
| | | | | | | | | | | | | | | AD26
| | | | | | | | | | | | | | | | CSYSCHG
| | | | | | | | | | | | | | | | | AD27
| | | | | | | | | | | | | | | | | | AD28
| | | | | | | | | | | | | | | | | | | VDD3OP_CB
| | | | | | | | | | | | | | | | | | | | VSS0P_CB
| | | | | | | | | | | | | | | | | | | | | AD29
| | | | | | | | | | | | | | | | | | | | | | AD30
| | | | | | | | | | | | | | | | | | | | | | | AD31
| | | | | | | | | | | | | | | | | | | | | | | | Z_PME
| | | | | | | | | | | | | | | | | | | | | | | | |
| | | | | | | | | | | | | | | | | | | | | | | | |
VSS0P_CB
--
-- VSS0
AD19
--
-- EXT_DATA_OUT
AD18
--
-- Z_RTS
AD17
--
-- Z_DTR
Z_CBE2
--
-- Z_CTS
VDD3OP_CB
--
-- Z_DSR
VSS0P_CB
--
-- Z_DCD
Z_FRAME
--
-- Z_RI
Z_IRDY
--
-- EXT_DATA_IN
Z_TRDY
--
-- VDD0
Z_RESET
--
-- VSS0
VSSI_CB
--
-- VDDIP
PCI_CLK
--
-- VDDIP
VDD3I_CB
--
-- XTLO
VSSOP_CB
--
-- XTLI
VDD3OP_CB
--
-- VSSIP
VSS0P_CB
--
-- TEST0
Z_DEVSEL
--
-- TEST1
Z_CINT
-- .
-- BUFFER_SLEW_RATE
Z_STOP
-- .
-- EEPROM_DI
Z_PERR
-- .
-- EEPROM_DO
VSS0P_CB
-- 97
-- EEPROM_CS
PAR
-- 98
-- EEPROM_SK
Z_CBE1
-- 99
-- MIO1
AD16
-- 1 2 3 4 5 6 7...
-- MIO0
| | | | | | | | | | | | | | | | | | | | | | | | |
| | | | | | | | | | | | | | | | | | | | | | | | |
| | | | | | | | | | | | | | | | | | | | | | | | AD0
| | | | | | | | | | | | | | | | | | | | | | | AD1
| | | | | | | | | | | | | | | | | | | | | | AD2
| | | | | | | | | | | | | | | | | | | | | AD3
| | | | | | | | | | | | | | | | | | | | VDD30P_CB
| | | | | | | | | | | | | | | | | | | VSS0P_CB
| | | | | | | | | | | | | | | | | | AD4
| | | | | | | | | | | | | | | | | AD5
| | | | | | | | | | | | | | | | AD6
| | | | | | | | | | | | | | | AD7
| | | | | | | | | | | | | | Z_CBE0
| | | | | | | | | | | | | VDD3I_CB
| | | | | | | | | | | | VSSI_CB
| | | | | | | | | | | VSS0P_CB
| | | | | | | | | | AD8
| | | | | | | | | AD9
| | | | | | | | AD10
| | | | | | | AD11
| | | | | | VDD30P_CB
| | | | | VSS0P_CB
| | | | AD12
| | | AD13
| | AD14
| VSSOP_CB
AD15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com