Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 30Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 31Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 32Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 33Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 34Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 35Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 36Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 37Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
Data Sheet Revision 1.1
Page 34
OXCB950
OXFORD SEMICONDUCTOR LTD.
7.4
Transmitter and receiver FIFOs
Both the transmitter and receiver have associated holding
registers (FIFOs), referred to as the transmitter holding
register (THR) and receiver holding register (RHR)
respectively.
In normal operation, when the transmitter finishes
transmitting a byte it will remove the next data from the top
of the THR and proceed to transmit it. If the THR is empty,
it will wait until data is written into it. If THR is empty and
the last character being transmitted has been completed
(i.e. the transmitter shift register is empty) the transmitter is
said to be idle. Similarly, when the receiver finishes
receiving a byte, it will transfer it to the bottom of the RHR.
If the RHR is full, an overrun condition will occur (see
section 7.5.3).
Data is written into the bottom of the THR queue and read
from the top of the RHR queue completely asynchronously
to the operation of the transmitter and receiver.
The size of the FIFOs is dependent on the setting of the
FCR register. When in Byte mode, these FIFOs only
accept one byte at a time before indicating that they are
full; this is compatible with the 16C450. When in a FIFO
mode, the size of the FIFOs is either 16 (compatible with
the 16C550) or 128.
Data written to the THR when it is full is lost. Data read
from the RHR when it is empty is invalid. The empty or full
status of the FIFOs are indicated in the Line Status
Register ‘LSR’ (see section 7.5.3). Interrupts are generated
when the UART is ready for data transfer to/from the
FIFOs. The number of items in each FIFO may also be
read back from the transmitter FIFO level (TFL) and
receiver FIFO level (RFL) registers (see section 7.11.2).
7.4.1
FIFO Control Register ‘FCR’
FIFO setup:
FCR[0]: Enable FIFO mode
logic 0
⇒ Byte mode.
logic 1
⇒ FIFO mode.
This bit should be enabled before setting the FIFO trigger
levels.
FCR[1]: Flush RHR
logic 0
⇒ No change.
logic 1
⇒ Flushes the contents of the RHR
This is only operative when already in a FIFO mode. The
RHR is automatically flushed whenever changing between
Byte mode and a FIFO mode. This bit will return to zero
after clearing the FIFOs.
FCR[2]: Flush THR
logic 0
⇒ No change.
logic 1
⇒ Flushes the contents of the THR, in the same
manner as FCR[1] does for the RHR.
THR Trigger levels:
FCR[3]: Tx trigger level enable
logic 0
⇒ Transmit trigger levels enabled
logic 1
⇒ Transmit trigger levels disabled
When FCR[3]=0, the transmitter trigger level is always set
to 1, thus ignoring FCR[5:4]. Alternatively, 950-mode
trigger levels can be set using ACR[5].
FCR[5:4]: Compatible trigger levels
450, 550 and extended 550 modes:
The transmitter interrupt trigger levels are set to 1 and
FCR[5:4] are ignored.
650 mode:
In 650 mode the transmitter interrupt trigger levels can be
set to the following values:
FCR[5:4]
Transmit Interrupt Trigger level
00
16
01
32
10
64
11
112
Table 13: Transmit Interrupt Trigger Levels
These levels only apply when in Enhanced mode and when
FCR[3] is set, otherwise the trigger level is set to 1. A
transmitter empty interrupt will be generated (if enabled) if
the TFL falls below the trigger level.
750 Mode:
In 750 compatible mode, transmitter trigger level is set to 1,
FCR[4] is unused and FCR[5] defines the FIFO depth as
follows:
FCR[5]=0: FIFO size is 16 bytes.
FCR[5]=1: FIFO size is 128 bytes.
In non-Enhanced mode and when FIFOSEL pin is low (tied
low internally on the OXCB950) FCR[5] is writable only
when LCR[7] is set. Note that in Enhanced mode, the FIFO
size is increased to 128 bytes when FCR[0] is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com