Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 25Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 26Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 27Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 28Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 29Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 30Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 31Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 32Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
Data Sheet Revision 1.1
Page 29
OXCB950
OXFORD SEMICONDUCTOR LTD.
7.2
Register description tables
The UART is accessed through an 8-byte block of I/O space (or through memory space). Since there are more than 8 registers,
the mapping is also dependent on the state of the Line Control Register ‘LCR’ and Additional Control Register ‘ACR’:
1. LCR[7]=1 enables the divider latch registers DLL and DLM.
2. LCR specifies the data format used for both transmitter and receiver. Writing 0xBF (an unused format) to LCR enables
access to the 650 compatible register set. Writing this value will set LCR[7] but leaves LCR[6:0] unchanged. Therefore, the
data format of the transmitter and receiver data is not affected. Write the desired LCR value to exit from this selection.
3. ACR[7]=1 enables access to the 950 specific registers.
4. ACR[6]=1 enables access to the Indexed Control Register set (ICR) registers as described on page 31.
Register
Name
Address
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
THR 1
000
W
Data to be transmitted
RHR 1
000
R
Data received
IER 1,2
650/950
Mode
CTS
interrupt
mask
RTS
interrupt
mask
Special
Char.
Detect
550/750
Mode
001
R/W
Unused
Alternate
sleep
mode
Sleep
mode
Modem
interrupt
mask
Rx Stat
interrupt
mask
THRE
interrupt
mask
RxRDY
interrupt
mask
FCR 3
650 mode
RHR Trigger
Level
THR Trigger
Level
750 mode
RHR Trigger
Level
FIFO
Size
Unused
950 mode
010
W
Unused
Tx
Trigger
Enable
Flush
THR
Flush
RHR
Enable
FIFO
ISR 3
010
R
FIFOs
enabled
Interrupt priority
(Enhanced mode)
Interrupt priority
(All modes)
Interrupt
pending
LCR 4
011
R/W
Divisor
latch
access
Tx
break
Force
parity
Odd /
even
parity
Parity
enable
Number
of stop
bits
Data length
MCR 3,4
550/750
Mode
Unused
CTS &
RTS
Flow
Control
650/950
Mode
100
R/W
Baud
prescale
IrDA
mode
XON-Any
Enable
Internal
Loop
Back
Unused
RTS
DTR
LSR 3,5
Normal
Data
Error
Tx Empty
THR
Empty
Rx
Break
Framing
Error
Parity
Error
Overrun
Error
RxRDY
9-bit data
mode
101
R
9th Rx
data bit
MSR 3
110
R
DCD
RI
DSR
CTS
Delta
DCD
Trailing
RI edge
Delta
DSR
Delta
CTS
SPR 3
Normal
Temporary data storage register and
Indexed control register offset value bits
9-bit data
mode
111
R/W
Unused
9th Tx
data bit
Additional Standard Registers – These registers require divisor latch access bit (LCR[7]) to be set to 1.
DLL
000
R/W
Divisor latch bits [7:0] (Least significant byte)
DLM
001
R/W
Divisor latch bits [15:8] (Most significant byte)
Table 8: Standard 550 Compatible Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com