Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 3Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 4Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 5Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 6Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 7Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 8Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 9Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 10Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
Data Sheet Revision 1.1
Page 7
OXCB950
OXFORD SEMICONDUCTOR LTD.
4 PIN DESCRIPTIONS
Cardbus/PCI bus Pins
Dir1
Name
Description
52, 53, 54, 57, 58, 60, 61, 66,
69, 73, 74, 75, 77, 78, 79, 100,
1, 3, 4, 5, 8, 9, 10, 11, 16, 17,
18, 19, 22, 23, 24, 25
C/P_I/O
AD[31:0]
Multiplexed Address/Data bus.
67, 80, 99, 15
C/P_I
C/BE[3:0]#
Multiplexed Command/Byte enable.
88
CP_I
CLK
System clock
83
CP_I
FRAME#
Cycle Frame1.
93
CP_O
DEVSEL#
Device Select
84
CP_I
IRDY#
Initiator ready
85
CP_O
TRDY#
Target ready
95
CP_O
STOP#
Target Stop request
98
CP_I/O
PAR
Parity
72
CP_O
SERR#
System error
96
CP_I/O
PERR#
Parity error
68
CP_I
IDSEL
Initialisation device select
For PCI applications this pin must be connected to the IDSEL
pin on the PCI connector. For cardbus applications, there is
no IDSEL signal, so this pin must be tied to Vdd (3.3v) via a
pull-up on the board. (10K recommended).
86
CP_I
RST#
System reset
94
CP_OD
INTA# /CINT#
Interrupt Pin. For both cardbus and pci applications
59
CP_O
CSYSCHG
Power management event signal, for Cardbus applications
This pin must be No-Connect (NC) for PCI applications.
51
CP_OD
PME#
Power management event signal, for PCI applications
This pin must be No-Connect (NC) for cardbus applications.
32
I
SLEW_RATE
Slew rate control for cardbus/pci outputs
For cardbus applications, this must be tied to Vdd on the
board. For PCI applications, this must be tied to Gnd on the
board.
1
For cardbus applications, the pin z_frame requires a pull-up (4k7) on the board. See PC Card Standard 7.0/7.1, section
5.3.3.3.3 “pull-up resistor requirements”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com