Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 31Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 32Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 33Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 34Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 35Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 36Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 37Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 38Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
Data Sheet Revision 1.1
Page 35
OXCB950
OXFORD SEMICONDUCTOR LTD.
950 mode:
Setting ACR[5]=1 enables 950-mode trigger levels set
using the TTL register (see section 7.11.4), FCR[5:4] are
ignored.
RHR trigger levels
FCR[7:6]: Compatible Trigger levels
450, 550, extended 550, 650 and 750 modes:
The receiver FIFO trigger levels are defined using
FCR[7:6]. The interrupt trigger level and upper flow control
trigger level where appropriate are defined by L1 in the
table below. L2 defines the lower flow control trigger level.
Separate upper and lower flow control trigger levels
introduce a hysteresis element in in-band and out-of-band
flow control (see section 7.9). In Byte mode (450 mode) the
trigger levels are all set to 1.
950 mode:
In similar fashion to for transmitter trigger levels, setting
ACR[5]=1 enables 950-mode receiver trigger levels.
FCR[7:6] are ignored.
Mode
550
FIFO Size 16
Ext. 550 / 750
FIFO Size 128
650
FIFO Size 128
FCR
[7:6]
L1
L2
L1
L2
L1
L2
00
1
n/a
1
1
16
1
01
4
n/a
32
1
32
16
10
8
n/a
64
1
112
32
11
14
n/a
112
1
120
112
Table 14: Compatible Receiver Trigger Levels
A receiver data interrupt will be generated (if enabled) if the
Receiver FIFO Level (‘RFL’) reaches the upper trigger
level.
7.5
Line Control & Status
7.5.1
False Start Bit Detection
On the falling edge of a start bit, the receiver will wait for
1/2 bit and re-synchronise the receiver’s sampling clock
onto the centre of the start bit. The start bit is valid if the
SIN line is still low at this mid-bit sample and the receiver
will proceed to read in a data character. Verifying the start
bit prevents noise generating spurious character
generation. Once the first stop bit has been sampled, the
received data is transferred to the RHR and the receiver
will then wait for a low transition on SIN (signifying the next
start bit).
The receiver will continue receiving data even if the RHR is
full or the receiver has been disabled (see section 7.11.3)
in order to maintain framing synchronisation. The only
difference is that the received data does not get transferred
to the RHR.
7.5.2
Line Control Register ‘LCR’
The LCR specifies the data format that is common to both
transmitter and receiver. Writing 0xBF to LCR enables
access to the EFR, XON1, XOFF1, XON2 and XOFF2,
DLL and DLM registers. This value (0xBF) corresponds to
an unused data format. Writing the value 0xBF to LCR will
set LCR[7] but leaves LCR[6:0] unchanged. Therefore, the
data format of the transmitter and receiver data is not
affected. Write the desired LCR value to exit from this
selection.
LCR[1:0]: Data length
LCR[1:0] Determines the data length of serial characters.
Note however, that these values are ignored in 9-bit data
framing mode, i.e. when NMR[0] is set.
LCR[1:0]
Data length
00
5 bits
01
6 bits
10
7 bits
11
8 bits
Table 15: LCR Data Length Configuration
LCR[2]: Number of stop bits
LCR[2] defines the number of stop bits per serial character.
LCR[2]
Data length
No. stop
bits
0
5,6,7,8
1
1
5
1.5
1
6,7,8
2
Table 16: LCR Stop Bit Number Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com