Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 24Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 25Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 26Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 27Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 28Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 29Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 30Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 31Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
Data Sheet Revision 1.1
Page 28
OXCB950
OXFORD SEMICONDUCTOR LTD.
7.1.5
950 Mode
The additional features offered in 950 mode generally only
apply when the UART is in Enhanced mode (EFR[4]=’1’).
Provided FCR[0] is set, in Enhanced mode the FIFO size is
128.
Note that 950 mode configuration is identical to that of 650
mode, however additional 950 specific features are
enabled using the Additional Control Register ‘ACR’ (see
section 7.11.3). In addition to larger FIFOs and higher baud
rates, the enhancements of the 950 mode over 650
emulation mode are:
•
Selectable arbitrary trigger levels for the receiver and
transmitter FIFO interrupts
•
Improved automatic flow control using selectable
arbitrary thresholds
•
DSR#/DTR# automatic flow control
•
Transmitter and receiver can be optionally disabled
•
Software reset of device
•
Readable FIFO fill levels
•
Optional generation of an RS-485 buffer enable signal
•
Four-byte device identification (0x16C95005)
•
Readable status for automatic in-band and out-of-
band flow control
•
External 1x clock modes (see section 0)
•
Flexible “M+N/8” clock prescaler (see section 7.10.2)
•
Programmable sample clock to allow data rates up to
15 Mbps (see section 7.10.3).
•
9-bit data mode
•
Readable FCR register
The 950 trigger levels are enabled when ACR[5] is set
where bits 4 to 7 of FCR are ignored. Then arbitrary trigger
levels can be defined in RTL, TTL, FCL and FCH registers
(see section 7.11). The Additional Status Register (‘ASR’)
offers flow control status for the local and remote
transmitters. FIFO levels are readable using RFL and TFL
registers.
The UART has a flexible prescaler capable of dividing the
system clock by any value between 1 and 31.875 in steps
of 0.125. It divides the system clock by an arbitrary value in
“M+N/8” format, where M and N are 5- and 3-bit binary
numbers programmed in CPR[7:3] and CPR[2:0]
respectively.
This arrangement offers a great deal of
flexibility when choosing an input clock frequency to
synthesise arbitrary baud rates. The default division value
is 4 to provide backward compatibility with 16C650
devices.
The user may apply an external 1x (or Nx) clock for the
transmitter and receiver to the RI# and DSR# pin
respectively. The transmitter clock may instead be asserted
on the DTR# pin. The external clock options are selected
through the CKS register (offset 0x02 of ICR).
It is also possible to define the over-sampling rate used by
the transmitter and receiver clocks. The 16C450/16C550
and compatible devices employ 16 times over-sampling,
where there are 16 clock cycles per bit. However the 950
UART can employ any over-sampling rate from 4 to 16 by
programming the TCR register. This allows the data rates
to be increased to 460.8 Kbps using a 1.8432MHz clock, or
15 Mbps using a 60 MHz clock. The default value after a
reset for this register is 0x00, which corresponds to a 16
cycle sampling clock. Writing 0x01, 0x02 or 0x03 will also
result in a 16 cycle sampling clock. To program the value to
any value from 4 to 15 it is necessary to write this value
into the TCR i.e. to set the device to a 13 cycle sampling
clock it would be necessary to write 0x0D to TCR. For
further information see section 7.10.3
The UART also offers 9-bit data frames for multi-drop
industrial applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com