Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 36Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 37Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 38Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 39Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 40Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 41Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 42Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 43Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
Data Sheet Revision 1.1
Page 40
OXCB950
OXFORD SEMICONDUCTOR LTD.
750 (normal) mode:
logic 0
⇒ CTS/RTS flow control disabled.
logic 1
⇒ CTS/RTS flow control enabled.
In non-enhanced mode, this bit enables the CTS/RTS out-
of-band flow control.
MCR[6]: IrDA mode
logic 0
⇒ Standard serial receiver and transmitter data
format.
logic 1
⇒ Data will be transmitted and received in IrDA
format.
This function is only available in Enhanced mode. It
requires a 16x clock to function correctly.
MCR[7]: Baud rate prescaler select
logic 0
⇒ Normal (divide by 1) baud rate generator
prescaler selected.
logic 1
⇒ Divide-by-“M+N/8”
baud
rate
generator
prescaler selected.
where M & N are programmed in CPR (ICR offset 0x01).
After a hardware reset, CPR defaults to 0x20 (divide-by-4)
and MCR[7] is reset. User writes to this flag will only take
effect in Enhanced mode. See section 7.9.1.
7.7.2
Modem Status Register ‘MSR’
MSR[0]: Delta CTS#
Indicates that the CTS# input has changed since the last
time the MSR was read.
MSR[1]: Delta DSR#
Indicates that the DSR# input has changed since the last
time the MSR was read.
MSR[2]: Trailing edge RI#
Indicates that the RI# input has changed from low to high
since the last time the MSR was read.
MSR[3]: Delta DCD#
Indicates that the DCD# input has changed since the last
time the MSR was read.
MSR[4]: CTS
This bit is the complement of the CTS# input. It is
equivalent to RTS (MCR[1]) in internal loop-back mode.
MSR[5]: DSR
This bit is the complement of the DSR# input. It is
equivalent to DTR (MCR[0]) in internal loop-back mode.
MSR[6]: RI
This bit is the complement of the RI# input. In internal loop-
back mode it is equivalent to the internal OUT1.
MSR[7]: DCD
This bit is the complement of the DCD# input. In internal
loop-back mode it is equivalent to the internal OUT2.
7.8
Other Standard Registers
7.8.1
Divisor Latch Registers ‘DLL & DLM’
The divisor latch registers are used to program the baud
rate divisor. This is a value between 1 and 65535 by which
the input clock is divided by in order to generate serial
baud rates. After a hardware reset, the baud rate used by
the transmitter and receiver is given by:
Divisor
InputClock
Baudrate
*
16
=
Where divisor is given by DLL + ( 256 x DLM ). More
flexible baud rate generation options are also available.
See section 7.10 for full details.
7.8.2
Scratch Pad Register ‘SPR’
The scratch pad register does not affect operation of the
rest of the UART in any way and can be used for
temporary data storage. The register may also be used to
define an offset value to access the registers in the
Indexed Control Register set. For more information on
Indexed Control registers see sections 7.2 and 7.11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com