Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OXCB950 Datasheet HTML 1Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 2Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 3Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 4Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 5Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 6Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 7Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 8Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
Oxford Semiconductor Ltd.
25 ParkGate, Milton Park, Abingdon, Oxon, OX14 4SH, UK
Tel: +44 (0)1235 824900
Fax: +44(0)1235 821141
©
© Oxford Semiconductor 2000
OXCB950 Datasheet 1.1 – November 2000
Part No. OXCB950-TQFP-A
FEATURE
•
Single 16C950 High performance UART channel
•
Cardbus/PCI compliant, single-function target
controller. Fully compliant to PC Card Standard 7.0*,
and PCI Bus Specification 2.2, Power Management
1.0.
•
Function access to pre-configure UART prior to
handover to generic device drivers.
•
UART fully software compatible with 16C550-type
devices.
•
Baud rates up to 15Mbps in asynchronous mode and
60Mbps in external 1x clock mode
•
128-byte deep FIFO per transmitter and receiver
•
Flexible clock prescaler from 1 to 31.875
•
Automated in-band flow control using programmable
Xon/Xoff in both directions
•
Automated out-of-band flow control using CTS#/RTS#
and/or DSR#/DTR#
•
Arbitrary trigger levels for receiver and transmitter
FIFO interrupts and automatic in-band and out-of-
band flow control
•
Infra-red (IrDA) receiver and transmitter operation
•
9-bit data framing as well as 5,6,7 and 8
•
Global Interrupt Status and readable FIFO levels to
facilitate implementation of efficient device drivers
•
Detection of bad data in the receiver FIFO
•
Operation via IO or memory mapping.
•
2 Multi-purpose I/O pins which can be configured as
interrupt input or ‘wake-up’ pins
•
Auto-detection of optional MicrowireTM based
EEPROM, to reconfigure device.
Autodetected.
•
3.3V operation
•
100 pin TQFP package
* Compliance to PC Card Standard 7.1 requires small external circuitry.
DESCRIPTION
The OXCB950 is a single chip UART solution for either
cardbus or PCI-based serial add-in cards. It is a single
function device, offering memory or IO mapped access to
the ultra-high performance OX16C950 UART.
This UART is the fastest available PC-compatible UART,
offering data rates up to 15Mbps and 128-deep transmitter
and receiver FIFOs. The deep FIFOs reduce CPU
overhead and allow utilisation of higher data rates. The
UART is software compatible with the widely used industry-
standard 16C550 devices and compatibles, as well as the
OX16C95x family of high performance UARTs. In addition
to increased performance and FIFO size, the UART also
provides the full set of OX16C95x enhanced features
including automated in-band flow control, readable FIFO
levels etc.
A set of local registers is available to enhance device driver
efficiency and reduce interrupt latency. The internal UART
has features such as shadowed FIFO fill levels, an interrupt
source register and Good-Data Status, readable in one
DWORD register visible to logical function0 in IO space
and memory space.
The efficient 32-bit, 33MHz target-only interface is
compliant with both the cardbus sections of the PC CARD
Standard, release 7.0*, and the PCI bus specifications
version 2.2 and version 1.0 of PCI Power Management
Specification.
For full flexibility, all the default register values can be
overwritten using an optional MicrowireTM serial EEPROM.
This EEPROM can also be used to provide function access
to pre-configure the UART into enhanced modes prior to
any cardbus/PCI configuration accesses and before control
is handed to generic device drivers.
OXCB950
Integrated High Performance UART
Cardbus / PCI interface


Similar Part No. - OXCB950

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXCB950 OXFORD-OXCB950 Datasheet
597Kb / 67P
Integrated High Performance UART Cardbus / 3.3v PCI interface
logo
PLX Technology
OXCB950 PLX-OXCB950 Datasheet
115Kb / 2P
32-bit PC card bridge to serial port
logo
Oxford Semiconductor
OXCB950-TQAG OXFORD-OXCB950-TQAG Datasheet
597Kb / 67P
Integrated High Performance UART Cardbus / 3.3v PCI interface
OXCB950-TQC60-A OXFORD-OXCB950-TQC60-A Datasheet
597Kb / 67P
Integrated High Performance UART Cardbus / 3.3v PCI interface
More results

Similar Description - OXCB950

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OX16CB950 OXFORD-OX16CB950 Datasheet
19Kb / 2P
Intelligent UART with 3.3v PCI/Cardbus Interface
OX16PCI954 OXFORD-OX16PCI954 Datasheet
654Kb / 72P
Integrated Quad UART and PCI interface
OX16PCI954 OXFORD-OX16PCI954_05 Datasheet
452Kb / 73P
Integrated Quad UART and PCI interface
OXCB950 OXFORD-OXCB950 Datasheet
597Kb / 67P
Integrated High Performance UART Cardbus / 3.3v PCI interface
logo
Exar Corporation
XR17V352 EXAR-XR17V352 Datasheet
1Mb / 64P
HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V354 EXAR-XR17V354 Datasheet
1Mb / 66P
HIGH PERFORMANCE QUAD PCI-EXPRESS UART
XR17V358 EXAR-XR17V358 Datasheet
1Mb / 68P
HIGH PERFORMANCE OCTAL PCI EXPRESS UART
XR17V358IB-0A-EVB EXAR-XR17V358IB-0A-EVB Datasheet
1Mb / 68P
HIGH PERFORMANCE OCTAL PCI EXPRESS UART
XR17V352IB-0A-EVB EXAR-XR17V352IB-0A-EVB Datasheet
1Mb / 64P
HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V354IB-E4-EVB EXAR-XR17V354IB-E4-EVB Datasheet
1Mb / 67P
HIGH PERFORMANCE QUAD PCI-EXPRESS UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com