Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 7Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 8Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 9Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 10Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 11Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 12Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 13Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 14Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
Data Sheet Revision 1.1
Page 11
OXCB950
OXFORD SEMICONDUCTOR LTD.
5 CONFIGURATION & OPERATION
The OXCB950 is configured by system start-up software
during the bootstrap process that follows bus reset.
By default, the device powers-up in the cardbus mode and
for this application mode, the system examines the
Cardbus CIS pointer value contained in the predefined PCI
Header region (at Dword 0Ahex) to locate the start of the
Cardbus Information Structure (CIS). It then traverses the
tuple information contained in this CIS areaNOTE1 to identify
the device type and the necessary resources requested by
the device.
For the PCI application mode, whereby the device’s default
cardbus mode is overridden into the PCI mode though the
use of the optional EEPROM (this takes place prior to any
configuration accesses), the system scans the PCI bus and
reads the vendor and device identification codes from any
devices it finds and the resources being requested.
For both cardbus and PCI applications, the system then
loads the device-driver software according to this
information and configures the I/O, memory and interrupt
resources. Device drivers can then access the functions at
the assigned addresses in the usual fashion, with the
improved data throughput provided by cardbus/PCI buses.
A set of local configuration registers have been provided
that can be used to control the device’s characteristics
(such as interrupt handling) and report internal functional
status. This is on top of the UART registers and the
registers contained in both the PCI configuration Space
and the Cardbus Information Structure (CIS). These local
registers can be set up by device drivers or from the
optional EEPROM.
The EEPROM can also be used to redefine the reset
values of most register areas to tailor the device to the end
users requirements if the default values do not meet the
specific requirements of the manufacturer, such as the
identification registers. As an additional enhancement, the
EEPROM can be used to pre-program the UART, allowing
pre-configuration, without requiring device driver changes.
This allows the enhanced features of the integrated UART
to be in place prior to handover to any generic device
drivers.
NOTE1
Windows Support for Cardbus applications, treats the information contained in the CIS area as “supplemental” information
for devices that are not fully described using the PCI configuration Space. This means that it is possible that provided the PCI
header space implements the minimum fields as recommended by Microsoft (the cardbus “Allocated” and “Reserved” fields are
defined) then Windows will not utilise the information contained in the CIS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com