Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 14Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 15Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 16Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 17Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 18Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 19Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 20Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 21Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
Data Sheet Revision 1.1
Page 18
OXCB950
OXFORD SEMICONDUCTOR LTD.
Bits
Description
Read/Write
Reset
EEPROM
PCI
6
MIO0 Power Down Filter Control:
A ‘1’ enables the MIO0 pin to invoke a powerdown request via the power
down filter (if the filter is enabled). State of MIO0 that causes the
powerdown request is governed by the controls MIC[1:0).
W
RW
0
7
MIO1 Power Down Filter Control:
A ‘1’ enables the MIO1 pin to invoke a powerdown request via the power
down filter (if the filter is enabled). State of MIO1 that causes the
powerdown request is governed by the controls MIC[3:2).
W
RW
0
31:8
Reserved
-
R
00
6.4.3
UART Mirror Register ‘UMR’ (Offset 0x08):
The internal UART’s FIFO levels (both on the transmitter and receiver) and general interrupt source register, is mirrored
(shadowed) in the local configuration registers as follows
Bits
Description
Read/Write
Reset
EEPROM
PCI
7:0
UART Receiver FIFO Level (RFL[7:0])
-
R
00h
15:8
UART Transmitter FIFO Level (TFL[7:0])
-
R
00h
21:16
UART Interrupt Source Register (ISR[5:0])
-
R
01h
26:22
Reserved
-
R
00h
27
UART Good-Data Status
-
R
1h
31:28
Reserved
-
R
0h
Good-Data status for the internal UART is set when all of the following conditions are met:
•
ISR reads a level0 (no-interrupt pending), a level 2a (receiver data available, a level 2b (receiver time-out) or a level 3
(transmitter THR empty) interrupt
•
LSR[7] is clear so there is no parity error, framing error or break in the FIFO
•
LSR[1] is clear so no over-run error has occurred
If the device driver software reads the receiver FIFO levels from this register, then if Good-Data status is set, the driver can
remove the number of bytes indicated by the FIFO level without the need to read the line status register. This feature enhances
the driver efficiency.
If the Good-Data status bit is not set, then the software driver should examine the ISR bits. If the ISR indicates a level 4 or higher
interrupt, the interrupt is due to a change in the state of modem lines or detection of flow control characters. The device driver-
software should then take appropriate measures as would in any other 550/950 driver. When ISR indicates a level 1 (receiver
status) interrupt then the driver can examine the Line Status Register (LSR) of the relevant channel. Since reading the LSR
clears LSR[7], the device driver-software should either flush or empty the contents of the receiver FIFO, otherwise the Good-
Data status will no longer be valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com